Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199BDPDT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 199BDPDT
Description  SPDT, DPDT, DPST-N.O., SPST-N.C.-D.B. & SPST-N.O.-D.M., 10 TO 50 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

199BDPDT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  199BDPDT Datasheet HTML 1Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 2Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 3Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 4Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 5Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 6Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 7Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 8Page - List of Unclassifed Manufacturers 199BDPDT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GENERAL
GENERAL SPECIFICA
SPECIFICATIONS
TIONS
COIL
Pull-in Voltage:
Dropout Voltage:
Coil Resistance:
Coil Power:
Max. Coil Dissipation:
Duty:
CONTACTS
Contact Material:
Contact Rating:
Auxiliary Switch:
TIMING
Operate Time:
Release Time:
1500 V rms
2200 V rms
(AC) -30˚C to +50˚C, (DC) -30˚C +60˚C
-55˚C to +100˚C
100,000 operations @ rated resistive load
1,000,000 operations @ no load
6-32 combination head screws
8-32 combination head screws
Molded phenolic, UL recognized (QMFZ2)
311 grams approx.
DPDT, 30 AMPS
12
Ω
290
Ω
1200
Ω
12
Ω
290
Ω
1200
Ω
18
Ω
70
Ω
290
Ω
6000
Ω
18
Ω
70
Ω
290
Ω
6000
Ω
W199AX-13
W199AX-14
W199AX-15
W199AMX-63
W199AMX-64
W199AMX-65
W199X-11
W199X-12
W199X-13
W199X-14
W199MX-49
W199MX-50
W199MX-51
W199MX-52
24 VAC
120 VAC
240 VAC
24 VAC
120 VAC
240 VAC
6 VDC
12 VDC
24 VDC
110 VDC
6 VDC
12 VDC
24 VDC
110 VDC
VERTICAL MOUNTING
RECOMMENDED WITH
CONTACTS UP
UP
2.31 MAX.
(58.67)
3.12 MAX.
(79.2)
0.375
(9.5)
1.62
(41.14)
1.87
(47.5)
2.50 MAX.
(63.5)
0.187 DIA.
(2 PLACES)
199
OPEN STYLE POWER RELAY
CLASS
STANDARD
PART
NUMBERS
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
COIL MEASURED @ 25˚C
AC OPERATED
DC OPERATED
OUTLINE DIMENSIONS
DIMENSIONS SHOWN IN INCHES & (MILLIMETERS).
85% of nominal voltage or less for AC coils
80% of nominal voltage or less for DC coils
10% of nominal voltage or more @ 25˚C
± 10% @ 25˚C
2.0 watts DC., 10 VA (60Hz) AC @ 25˚C
DC coils-4 matts max.
Continuous.
Silver cadmium oxide, gold flashed
5/16" diameter standard.
30 amps up to 300 VAC, 50/60Hz
5 amps @ 480/600 VAC, 50/60Hz 0.75 pf inductive
load. 1-1/2 Hp motor load each pole
@ 120 thru 600 VAC, 50/60 Hz. 2 Hp motor load
@ 200 to 600 VAC. when using two poles to
switch both sides of load.
30 amps @ 28 VDC resistive load
15 amps tungsten @ 120 VAC
NEMA A 600 pilot duty 50/60Hz
10 amps 1/4 Hp 125 or 250VAC
1/2 amp 125 VDC 1/4 amp 250 VDC
3 amps 125 VAC “Lamp”
40 milliseconds max. @ nominal voltage
30 milliseconds max. @ nominal voltage
WIRING DIAGRAM
(VIEWED FROM PIN END)
AC OPERATED WITH SPDT AUXILIARY SWITCH
DC OPERATED WITH SPDT AUXILIARY SWITCH
10A 1/4HP 125 OR 250VAC
1/2A 125 VDC 1/4A 250VDC
3A 125VAC "LAMP"
NC
NO
COM
OTHER COIL VOLTAGES ARE AVAILABLE ON SPECIAL ORDER.
CONTACT FACTORY FOR SPECIAL REQUIREMENTS.
AUXILIARY
SWITCH
AUXILIARY SWITCH IS
INSTALLED ON SELECTED
MODELS SHOWN IN
PART NUMBER CHART
Optional metal enclosure
available, see page 12
3...5
DIELECTRIC STRENGTH
Between Open Contacts:
Mutually Insulated
Conductive elements:
TEMPERATURE
Operating Range:
Non-Operating Storage
Range:
LIFE EXPECTANCY
Electrical:
Mechanical:
MISCELLANEOUS
Coil Terminals:
Load Terminals:
Base Material:
Weight:


Similar Part No. - 199BDPDT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
199BM2X-14 SCHNEIDER-199BM2X-14 Datasheet
196Kb / 4P
   Power relay, SE Relays, DPDT, 40A, 120 VDC, magnetic blowout, auxiliary switch, open type
199BMX-13 SCHNEIDER-199BMX-13 Datasheet
254Kb / 4P
   Power relay, SE Relays, DPDT, 40A, 24 VDC, magnetic blowout, auxiliary switch, open type
199BMX-14 SCHNEIDER-199BMX-14 Datasheet
256Kb / 4P
   Power relay, SE Relays, DPDT, 40A, 120 VDC, magnetic blowout, auxiliary switch, open type
199BQX-187 SCHNEIDER-199BQX-187 Datasheet
173Kb / 4P
   Power relay, SE Relays, DPDT, 40A, 24 VDC, magnetic blowout, 1/4 in QC term on coil
199BX-11 SCHNEIDER-199BX-11 Datasheet
250Kb / 4P
   Power relay, SE Relays, DPDT, 40A, 6 VDC, magnetic blowout, open type
More results

Similar Description - 199BDPDT

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Tyco Electronics
AV-875 MACOM-AV-875 Datasheet
32Kb / 1P
   AV-875 SPST N.O.,60 Amps, 270 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
   A-770 SPST N.O., 300 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
   A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
   A-772XTB SPST N.O., 200 Amps, 28 VDC
A-754JD MACOM-A-754JD Datasheet
67Kb / 1P
   A-754JD SPST N.O., 150 Amps, 120 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
   A-701P-I SPST N.O., 400 Amps, 28 VDC
A-701P-3 MACOM-A-701P-3 Datasheet
60Kb / 1P
   A-701P-3 SPST N.O., 500 Amps, 28 VDC
A-751D-I MACOM-A-751D-I Datasheet
28Kb / 1P
   A-751D-I SPST N.O., 150 Amps, 110 VDC
D-7AC MACOM-D-7AC Datasheet
94Kb / 1P
   D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com