Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS26 Datasheet(PDF) 3 Page - C&D Technologies

Part # SS26
Description  5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SS26 Datasheet(HTML) 3 Page - C&D Technologies

  SS26 Datasheet HTML 1Page - C&D Technologies SS26 Datasheet HTML 2Page - C&D Technologies SS26 Datasheet HTML 3Page - C&D Technologies SS26 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERSIP26 11/99 REV C
Page 3
Thermal Design Guide
Locate your operating current, read the junction temp
rise from the graph and add to your maximum ambient.
135°C is the maximum allowable operating junction tem-
perature. Test conditions: Device soldered into 4” x 4”
PCB, 2 sided with power and ground planes for heat con-
duction. Due to the difficulty in predicting the thermal
effects of airflow velocity and direction, and thermal con-
duction through ground planes it is important that the SS26
SuperSIPTM be evaluated thermally in each application.
For high ambient temperature/high current application
please request our Application Note 35-118-01, “Accurate
Measurements of SS26 SuperSIPTM Junction Tempera-
ture”, for further assistance.
Programming
To program the SS26 SuperSIPTM for Vout<3.3, connect
resistor across pins 8 (TRIM) and 1(Vo). For Vout>3.3, re-
sistor is connected across pins 8 and 4 (Gnd).
Tj Rise vs. Io
(Junction Temp Rise vs. Output Current)
OUTPUT CURRENT AMPS
Vo=3.3V, Cout-O
µf, Vi=5V, Cin=100µf
Efficiency
100
95
90
85
80
75
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT CURRENT - AMPS
70
60
50
40
30
20
10
0
STILL
AIR
100LFM
300LFM
3.3V 25C
2.1V 25C
Table 2
Vout
Resistor Value
Vout
ResistorValue
1.8
576
2.8
18.2k
1.9
1.21k
2.9
24.3k
2.0
1.96k
3.0
34.8k
2.1
2.8k
3.1
54.9k
2.2
3.83k
3.2
110.0k
2.3
4.99k
3.3
OPEN
2.4
6.49k
3.4
66.5k
2.5
8.25k
3.5
29.4k
2.6
10.7k
3.6
18.2k
2.7
13.7k
Transient Response
Operating conditions are as follows: Vin=5V, Vo=3.3V, Load
change from Io=0% to Io=100%, TA=25°C, Cin=0F, Co=
µF.
Operating conditions are as follows: Vin=5V, Vo=3.3V, Load
change from Io=100% to Io=0%, TA=25°C, Cin=0F, Co=
µF.


Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS26 MCC-SS26 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS26 YIXIN-SS26 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SS26 VISHAY-SS26 Datasheet
352Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 23-Jan-08
logo
First Silicon Co., Ltd
SS26 FS-SS26 Datasheet
232Kb / 2P
   Schottky Rectifier
More results

Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Wall Industries,Inc.
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
   DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
   DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
   Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Q24S15050-NS00 POWER-ONE-Q24S15050-NS00 Datasheet
327Kb / 14P
   Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com