Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

504K500RA6 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 504K500RA6
Description  Efficient size Rugged construction Does not fail short ??Self healing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

504K500RA6 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  504K500RA6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 504K500RA6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 504K500RA6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 504K500RA6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 504K500RA6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 504K500RA6 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE 8 • Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
10,000.000
1000.000
100.000
10.000
10.000
100.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
1.0 mF 100 VDC RA4
.47 mF 250 VDC RA4
1.0 mF 250 VDC RA6
3.3 mF 100 VDC RA4
2.2 mF 100 VDC RA4
.47 mF 400 VDC RA6
Typical Performance Curves
Selected High Value “Power” Capacitors


Similar Part No. - 504K500RA6

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
504K500RA6-FA CDE-504K500RA6-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
More results

Similar Description - 504K500RA6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
   Self-Healing
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
   Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
   Self-healing property
logo
Cooper Bussmann, Inc.
UP0.4C-1R0-R COOPER-UP0.4C-1R0-R Datasheet
72Kb / 2P
   Miniature size and rugged construction
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
   Optical Self-Healing Switch
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com