Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1120 Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR1120
Description  1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1120 Datasheet(HTML) 2 Page - C&D Technologies

  PWR1120 Datasheet HTML 1Page - C&D Technologies PWR1120 Datasheet HTML 2Page - C&D Technologies PWR1120 Datasheet HTML 3Page - C&D Technologies PWR1120 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWR11XX 7/99 REV E
Page 2
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, and rated output current unless otherwise noted.
NOMINAL
RATED
RATED
REFLECTED
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
NO LOAD
RATED LOAD
RIPPLE CURRENT
Units
VDC
VDC
mA
mA
mA
mAp-p
PWR1100
5
5
300
30
400
45
PWR1101
5
12
125
30
400
45
PWR1102
5
15
100
30
400
45
PWR1103
5
±5
±150
30
400
45
PWR1104
5
±12
±63
30
400
45
PWR1105
5
±15
±50
30
400
45
PWR1106
12
5
300
30
175
25
PWR1107
12
12
125
30
175
25
PWR1108
12
15
100
30
175
25
PWR1109
12
±5
±150
30
175
25
PWR1110
12
±12
±63
30
175
25
PWR1111
12
±15
±50
30
175
25
PWR1112
15
5
300
30
140
20
PWR1113
15
12
125
30
140
20
PWR1114
15
15
100
30
140
20
PWR1115
15
±5
±150
30
140
20
PWR1116
15
±12
±63
30
140
20
PWR1117
15
±15
±50
30
140
20
PWR1118
24
5
300
30
90
20
PWR1119
24
12
125
30
90
20
PWR1120
24
15
100
30
90
20
PWR1121
24
±5
±150
30
90
20
PWR1122
24
±12
±63
30
90
20
PWR1123
24
±15
±50
30
90
20
PWR1140
5
9
167
30
400
45
PWR1141
12
9
167
30
175
25
PWR1142
15
9
167
30
140
20
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, and rated output current unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
10
G
Capacitance
90
pF
Leakage Current
V
ISO
= 240VAC, 60Hz
10
µArms
OUTPUT
Rated Power
1.5
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
in
±3
±5
%
Temperature Coefficient
±0.02
%/%°C
Ripple and Noise
(BW = DC to 20MHz)
No External Components
150
mVp-p
10µF Across Each Output
10
mVrms
10µF Across Each Output
30
mVp-p
Voltage
No Load, V
OUT = +5V
7
VDC
No Load, V
OUT = ±12V
±15
VDC
No Load, V
OUT = ±15V
±18
VDC
Line Regulation
1.2
%/%V
IN
Load
No Load To Rated Load
6
%
GENERAL
Switching Frequency
150
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217 Rev. E*
Circuit Stress Method
800
kHr
Efficiency
75
%
TEMPERATURE
Specification
–25
+25
+85
°C
Operation
–40
+100
°C
Storage
–40
+110
°C
* For demonstrated MTTF results reference Burr-Brown Reliability Report PWR1205 (Literature Number PA647)
INPUT CURRENT


Similar Part No. - PWR1120

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1120C MURATA-PS-PWR1120C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results

Similar Description - PWR1120

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
C&D Technologies
LP02U CANDD-LP02U Datasheet
64Kb / 2P
   UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com