Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX403-U4D Datasheet(PDF) 4 Page - C&D Technologies

Part # PX403-U4D
Description  400 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX403-U4D Datasheet(HTML) 4 Page - C&D Technologies

  PX403-U4D Datasheet HTML 1Page - C&D Technologies PX403-U4D Datasheet HTML 2Page - C&D Technologies PX403-U4D Datasheet HTML 3Page - C&D Technologies PX403-U4D Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PX401 4/98 REV B
Page 4
Model PX403 features Active Current Sharing
Standard Options are shown, consult factory for other available options.
Pin Specifications
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
Ground
1
-V4
2
AC Neutral
2
+V4
3
AC Line
3
-V3
4
+V3
5-V2
6
+V2
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D
Mechanical
0.700
0.550
3.900
10.000
8.500
2.148
4.850
0,040
COVER
TB1
Maximum depth of mounting screws is 0.156”
TB2
5V
5V Return
J9
TOPVIEW
1
2
3
1
2
3
4
5
6
NOTES: All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.30”.
COOLING: The PX401/403 is designed to operate with 40 CFM airflow.
SHOCK AND VIBRATION: The PX401/403 family meets the requirements of MIL STD-810D. D(Vibration-Method 514.3 Procedure I; Shock-Method 516.3
Proedure I).
WEIGHT: Approximately 4 lbs.
J9 Connector
J9 Connector
PIN
FUNCTION
Molex No.
1
- Sense
Connector
22-28-1050
2
+ Sense
3
Current Share
4
Remote Inhibit
5
Power Fail
Connector Specifications


Similar Part No. - PX403-U4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400 CANDD-PX400 Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U3A CANDD-PX400-U3A Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U3B CANDD-PX400-U3B Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U4C CANDD-PX400-U4C Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U4D CANDD-PX400-U4D Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
More results

Similar Description - PX403-U4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400 CANDD-PX400 Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
   100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
   25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
   10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com