Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX10005BASLPLNH Datasheet(PDF) 3 Page - C&D Technologies

Part # TX10005BASLPLNH
Description  1000 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TX10005BASLPLNH Datasheet(HTML) 3 Page - C&D Technologies

  TX10005BASLPLNH Datasheet HTML 1Page - C&D Technologies TX10005BASLPLNH Datasheet HTML 2Page - C&D Technologies TX10005BASLPLNH Datasheet HTML 3Page - C&D Technologies TX10005BASLPLNH Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TX1000 2/2000 REV C
Page 3
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES
product for use in life support devices/systems or in aircraft control applications.
Product Features
Features
Characteristic
Remote Sense
500mV compensation
Active Current Sharing
Single Wire; 5% tolerance if outputs are over 25% of rated load
ORing Diode
Optional on all models (not available on 5V model)
OVP
125% of nominal (+7.5%)
Thermal Shutdown
Automatic Restart
DC OK Signal
Logic “1” when output is within +3% of nominal
Power Fail Warning Signal
Transition to Logic “0” at least 5msec before loss of output regulation
Remote Inhibit
Logic “0” applied will inhibit output (referenced to –Sense terminal)
Product Compliances
Approval
Characteristic
UL and cUL
UL1950, 3rd Edition (1)
VDE
EN60950
FCC
Class A requirements for conducted emissions
CISPR 22
Class A requirements for conducted emissions
EN61000-4-2
Electrostatic Discharge, Level 4
EN61000-4-4
Electrical Fast Transients, Level 3
EN61000-4-5
Input Surge Immunity, Level 3
EN61000-3-2
Harmonic Currents, Class A
CE Mark
Low Voltage Directive
Notes: (1) UL1950, 3rd Edition incorporates the requirements of CSA 1950.
TX1000
Ordering Information
Model Designation
BASE MODEL
Chassis: “5” = 5” x 4.88” x 12”; “M” = modified
Output Voltage: See Chart below
Input Filter: “A” designates Class A EMI filter
Fan: “S” designates Standard Fan
Remote Inhibit: “L” designates that Logic “0” applied inhibits output
“P” designates Active Input Power Factor Correction with widerange input voltage of 90-264 VAC
Power Fail Warning: “L” designates transition to Logic “0” upon loss of AC
Output ORing diode: “N” = None; “D” = Diode Option
DC OK: “H” designates that Logic “1” indicates a DC OK condition
OUTPUT VOLTAGES
A = 5V
G = 36V
B = 12V
H = 48V
C = 15V
J = 20V
D = 18V
K = 3.3V
E = 24V
L = 2.5V
F = 28V


Similar Part No. - TX10005BASLPLNH

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TX1000 CANDD-TX1000 Datasheet
366Kb / 4P
   1000 Watt, Single Output, AC/DC Power Supply
More results

Similar Description - TX10005BASLPLNH

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOPS1000 ETA-USA-AOPS1000 Datasheet
905Kb / 7P
   1000 Watt AC/DC Power Supply
logo
C&D Technologies
TPS_TX1000 CANDD-TPS_TX1000 Datasheet
366Kb / 4P
   1000 Watt, Single Output, AC/DC Power Supply
logo
TRACO Electronic AG
TXL1000 TRACOPOWER-TXL1000 Datasheet
401Kb / 4P
   AC/DC Enclosed Power Supply TXL 1000 Series, 1000 Watt
Rev. June 29, 2021
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
   100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
   25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
   10 Watt AC/DC Power Supply
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
NX301 CANDD-NX301 Datasheet
64Kb / 4P
   300 WATT AC/DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com