Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2320-2 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2320-2
Description  Important Information Storage Instructions for Cera-Trim
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2320-2 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2320-2 Datasheet HTML 1Page - Johanson Technology Inc. 2320-2 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8.5 to 25.0
7.5 to 18.0
2322-4G
2322-3G
2322-2G
2322-1G
2322-0G
2322-4GSL
2322-3GSL
2322-2GSL
2322-1GSL
2322-0GSL
RoHS
a
Pb
Johanson Manufacturing Corporation
301 Rockaway Valley Road, Boonton, New Jersey 07005
Phone 973.334.2676
Fax 973.334.2954
STAY TUNED
.025 Square
Drive Tuning
Protective
Process Seal
.180
.167
.086
.006
.195
.020 x 45° Indicates
Rotor Terminal
.092
.030
.020
Epoxy Backseal
Terminal
.020 x 45° Indicates
Rotor Terminal
.030
.092
.025 Square
Drive Tuning
.180
Protective
Process Seal
.086
.006
.020
Epoxy Backseal
.167
.240
.045
Terminal
Sealed Cera-Trim® Capacitors are packed with a 1/6 unit of desiccant and must remain in their original packing as long as possible before
soldering. Care should be taken to make sure the re-sealable outer bag is completely sealed after each use.
All Cera-Trims, with or without process seals, should be stored in a temperature and humidity controlled environment.
If sealed Cera-Trims need to be re-packed then they must be packed in a re-sealable poly/metal anti-static bag with a fresh 1/6 unit of desiccant.
If sealed Cera-Trims have been inadvertently left exposed to ambient humidity for more than 1 hour, then dry the units per the following procedure:
for sealed units that are
in tape & reel packaging
not
Place units in an oven at 35 ± 5°C for 8 hours minimum or faster drying may be done at 125 ± 5°C for 60 to 90 minutes. Re-pack using fresh
desiccant packs after drying.
for sealed units that are in tape & reel packaging
Place units in an oven at 35 ± 5°C for 8 hours minimum. Re-pack using fresh desiccant packs after drying.
Important Information: Storage Instructions for Cera-Trim®
www.johansonmfg.com
SL
Sep 07
UPDATED 09/07
2320-4
2320-3
2320-2
2320-1
2320-0
2320-4SL
2320-3SL
2320-2SL
2320-1SL
2320-0SL


Similar Part No. - 2320-2

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
2320-2 KNOWLES-2320-2 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2320-2SL KNOWLES-2320-2SL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2320-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3100-C-S ETC2-P3100-C-S Datasheet
312Kb / 2P
   Important safety information
MA8601 ETC2-MA8601 Datasheet
200Kb / 2P
   External EEPROM interface for customized information storage
logo
CML Microcircuits
EV9900A CMLMICRO-EV9900A Datasheet
1Mb / 27P
   Test Access for Important Signals
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5090 AVAGO-ADNS-5090 Datasheet
112Kb / 3P
   Trim Lens for LED Mouse
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
logo
UN Semiconducctor INC
UNSDC58V-2L UNSEMI-UNSDC58V-2L Datasheet
2Mb / 5P
   Instructions
Revision March 1,2022
logo
Japan Aviation Electron...
CT150-4C-ILZ JAE-CT150-4C-ILZ Datasheet
351Kb / 9P
   Important safeguards and precautions
logo
UN Semiconducctor INC
UNSDC12V-2L UNSEMI-UNSDC12V-2L Datasheet
2Mb / 5P
   Instructions
Revision March 1,2022
UNSDC24V-2L UNSEMI-UNSDC24V-2L Datasheet
2Mb / 5P
   Instructions
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com