Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L20012 Datasheet(PDF) 5 Page - Littelfuse

Part # 1812L20012
Description  POLY-FUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L20012 Datasheet(HTML) 5 Page - Littelfuse

  1812L20012 Datasheet HTML 1Page - Littelfuse 1812L20012 Datasheet HTML 2Page - Littelfuse 1812L20012 Datasheet HTML 3Page - Littelfuse 1812L20012 Datasheet HTML 4Page - Littelfuse 1812L20012 Datasheet HTML 5Page - Littelfuse 1812L20012 Datasheet HTML 6Page - Littelfuse 1812L20012 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/05/13
Surface Mount > 1812L Series
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
1812L010
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L010/60 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.006 0.03 0.15 0.65
1812L014
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.08 0.75 1.95 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L020
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04 0.55
1
0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L020/60 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.006 0.03 0.15 0.65
1812L035/30 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.6
1.25 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L050
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5
0.75 0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L050/30 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1
0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L075
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5
0.75 0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L075/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06 0.75 1.55 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L075/33 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06 0.75 1.55 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L110
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5
0.71 0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L110/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1.07 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L110/16 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L110/33 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.05
0.08
1.2
2
0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L125/6
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03 0.45 0.75 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L125/16 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L150
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02 0.03
0.4
0.71 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L150/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L150/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.07
0.8
1.8
0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L160
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.4
0.75 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L160/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L200TH 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.008 0.024 0.2
0.6
0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L200/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.80 1.20 0.012 0.047 0.30 1.20 0.006 0.026 0.15 0.65
1812L200/16 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.80 1.20 0.012 0.047 0.30 1.20 0.006 0.026 0.15 0.65
1812L260TH 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1.0
0.01 0.05
0.3
1.2
0.01
0.02 0.15
0.5
1812L260/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05
0.8
1.34 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
1812L260/16 0.18 0.19 4.54 4.90 0.12 0.14 3.16 3.50 0.05
0.08 1.20 2.00 0.012 0.047 0.30 1.20 0.006 0.026 0.15 0.65
1812L300
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06
0.8
1.50 0.01 0.05
0.3
1.2
0.01
0.03 0.15 0.65
Dimensions
C
Top
View
Pad
Layout
Side
View
Bottom
View
3.15 mm
(.124”)
3.45 mm
(.135”)
1.78mm
(.070”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
(See Electrical Characteristics Table)
SHOWN ARE:
- 1.1A/6V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
110
110
110
-33


Similar Part No. - 1812L20012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L20012 LITTELFUSE-1812L20012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L20012 LITTELFUSE-1812L20012 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
More results

Similar Description - 1812L20012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L LITTELFUSE-2016L Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
250R120U LITTELFUSE-250R120U Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com