Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L26012 Datasheet(PDF) 7 Page - Littelfuse

Part # 1812L26012
Description  POLY-FUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L26012 Datasheet(HTML) 7 Page - Littelfuse

  1812L26012 Datasheet HTML 1Page - Littelfuse 1812L26012 Datasheet HTML 2Page - Littelfuse 1812L26012 Datasheet HTML 3Page - Littelfuse 1812L26012 Datasheet HTML 4Page - Littelfuse 1812L26012 Datasheet HTML 5Page - Littelfuse 1812L26012 Datasheet HTML 6Page - Littelfuse 1812L26012 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/05/13
Surface Mount > 1812L Series
Tape and Reel Specifications
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
1812L020
1812L035/30
1812L050
1812L075
1812L110
1812L125/6
1812L150
1812L160
1812L200
1812L010
1812L010/60
1812L014
1812L020/60
1812L050/30
1812L075/24
1812L075/33
1812L110/16
1812L110/24
1812L125/16
1812L150/12
1812L160/12
1812L200/12
1812L200/16
1812L260
1812L110/33
1812L150/24
1812L260/12
1812L260/16
1812L300
W
12.00
+0.30/-0.10
12.00
± 0.30
12.00
± 0.30
H
16.0+/- 0.02
F
5.50± 0.05
5.50 ± 0.05
5.50 ± 0.05
W
13.2+/- 1.5
E
1
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
D
Ø60.2+0.5
D
0
1.50+0.10
1.55+/- 0.05
1.55 ± 0.05
F
Ø13.0 +/- 0.5
D
1
1.50+0.25
1.50 (MIN)
1.50 (MIN)
C
Ø178 +/- 1.0
P
0
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
H
1
11+/- 0.5
P
1
8.00 ± 0.10
8.00 ± 0.10
8.00 ± 0.10
W
1
2.5+/- 0.5
P
2
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
W
2
3.0+0.5
A
0
3.58 ± 0.10
3.58 ± 0.10
3.58 ± 0.10
W
3
4.0+0.5
B
0
4.93 ± 0.10
4.93± 0.10
4.93 ± 0.10
W
4
5.0+0.5
T
0.25 ± 0.10
0.25 ± 0.10
0.25 ± 0.10
K
0
0.87± 0.06
1.25 ± 0.10
2.10 ± 0.10
Leader min.
390
390
390
Trailer min.
160
160
160
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
Tape and Reel Diagram


Similar Part No. - 1812L26012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L26012 LITTELFUSE-1812L26012 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L26012 LITTELFUSE-1812L26012 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L26012 LITTELFUSE-1812L26012 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1812L26012

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L LITTELFUSE-2016L Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
250R120U LITTELFUSE-250R120U Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com