Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1140 Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR1140
Description  1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1140 Datasheet(HTML) 3 Page - C&D Technologies

  PWR1140 Datasheet HTML 1Page - C&D Technologies PWR1140 Datasheet HTML 2Page - C&D Technologies PWR1140 Datasheet HTML 3Page - C&D Technologies PWR1140 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PWR11XX 7/99 REV E
Page 3
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ................................................... Momentary
Internal Power Dissipation .............................................................. 750mW
Lead Soldering Temperature (10 seconds max) ............................ +300°C
PWR
11XX
Device Family
PWR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
ORDERING INFORMATION
APPLICATION NOTE
UNBALANCED LOADS
Unbalanced loads may be used on dual output models with
either side providing up to its rated current. Output volt-
ages, by design, will track each other in an unbalanced state
within ±10% of one another.
OUTPUT NOISE
Output noise can be reduced to 30mVp-p, typically, by
adding a 10µF tantalum capacitor with an equivalent series
resistance (ESR) of less than 150m
Ω at 10kHz across each
output.


Similar Part No. - PWR1140

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1140C MURATA-PS-PWR1140C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results

Similar Description - PWR1140

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
C&D Technologies
LP02U CANDD-LP02U Datasheet
64Kb / 2P
   UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com