Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2321-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2321-RC
Description  High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2321-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2321-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.10
High Current Toroid Inductors
2300 Series
Part
Number
L (µH)
±15 %
@ 1 KHz
Idc*
(A)
L (µH)
±15 %
@ I rated
DCR
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2301-RC
10
20.0
6.7
0.005
0.56
1.18
0.066
2302-RC
12
19.1
7.8
0.005
0.56
1.18
0.066
2303-RC
15
18.0
9.5
0.006
0.56
1.18
0.066
2304-RC
18
17.2
11.1
0.006
0.56
1.18
0.066
2305-RC
22
16.4
13.2
0.007
0.56
1.18
0.066
2306-RC
27
15.6
15.7
0.008
0.56
1.18
0.066
2307-RC
33
11.7
21.3
0.013
0.53
1.14
0.053
2308-RC
39
11.2
24.7
0.014
0.53
1.14
0.053
2309-RC
47
10.7
29.0
0.016
0.53
1.14
0.053
2310-RC
56
10.2
33.7
0.017
0.53
1.14
0.053
2311-RC
68
7.7
45.2
0.030
0.52
1.13
0.042
2312-RC
100
7.0
63.1
0.037
0.52
1.13
0.042
2313-RC
120
6.7
73.9
0.040
0.52
1.13
0.042
2314-RC
150
5.0
101.4
0.071
0.51
1.12
0.034
2315-RC
180
4.8
118.9
0.078
0.51
1.12
0.034
2316-RC
220
5.8
123.8
0.054
0.56
1.17
0.042
2317-RC
270
5.5
147.2
0.060
0.56
1.17
0.042
2318-RC
330
5.2
174.1
0.067
0.56
1.17
0.042
2319-RC
390
5.0
200.2
0.072
0.56
1.17
0.042
2320-RC
470
3.8
271.4
0.13
0.54
1.16
0.034
2321-RC
560
3.6
314.8
0.14
0.54
1.16
0.034
2322-RC
680
3.4
370.7
0.15
0.54
1.16
0.034
2323-RC
820
2.6
500.9
0.27
0.53
1.14
0.027
2324-RC
1000
2.4
593.6
0.30
0.53
1.14
0.027
Special Features
• DC/DC converter, EMI filter applications
• Low radiation
• Low core loss
• High current capacity
• Horizontal or vertical mount
• Low cost
• Operating temperature -55 to +105 °C
Notes
* Current to cause 30 °C max. temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2314-V-RC
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 07/09
Dimensions: Inches
Mounting Plane
Mounting Plane
Vertical
Horizontal
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
C
C
A
B
1.28
Max.
0.65
Max.
0.65
Max.
1/16 Inch Max.
1/16 inch
Max.
1.28
Max.


Similar Part No. - 2321-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2321-RC BOURNS-2321-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2321-RC BOURNS-2321-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2321-RC BOURNS-2321-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
2321-RC BOURNS-2321-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2321-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Vishay Siliconix
TJ3 VISHAY-TJ3 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com