Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39121402 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 39121402
Description  Rail adapters - USA 10 - 1201578
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121402 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  39121402 Datasheet HTML 1Page - PHOENIX CONTACT 39121402 Datasheet HTML 2Page - PHOENIX CONTACT 39121402 Datasheet HTML 3Page - PHOENIX CONTACT 39121402 Datasheet HTML 4Page - PHOENIX CONTACT 39121402 Datasheet HTML 5Page - PHOENIX CONTACT 39121402 Datasheet HTML 6Page - PHOENIX CONTACT 39121402 Datasheet HTML 7Page - PHOENIX CONTACT 39121402 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/us/products/1201578
10.11.2013   Page 5 / 8
Rail adapters - USA 10 - 1201578
Accessories
DIN rail - NS 35/ 7,5 CU UNPERF 2000MM - 0801762
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
End cap - NS 35/ 7,5 CAP - 1206560
DIN rail end piece, for DIN rail NS 35/7.5
 
 
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length:
2000 mm
 
 
DIN rail - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, material: Steel, unperforated, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 35/15 WH PERF 2000MM - 0806602
DIN rail 35 mm (NS 35)
 
 


Similar Part No. - 39121402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121402 PHOENIX-39121402 Datasheet
39Kb / 1P
   System connectors - FLKM-HD15SUB/B-PA-INLINE/SO136
39121402 PHOENIX-39121402 Datasheet
83Kb / 7P
   Plug - SP 2,5/17 NZ:1
39121402 PHOENIX-39121402 Datasheet
135Kb / 7P
   Connectors - QP 1,5/ 1-R GNYE
39121402 PHOENIX-39121402 Datasheet
55Kb / 3P
   Switching lock - S
09/11/2020
39121402 PHOENIX-39121402 Datasheet
88Kb / 6P
   Conductor connectors - QPD C 3PE1,5 2X8-13 BK
09/11/2020
More results

Similar Description - 39121402

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
logo
PHOENIX CONTACT
2904889 PHOENIX-2904889 Datasheet
55Kb / 3P
   Front adapters - FLKM 10-PA-ROC800
logo
Tumbler Technologies + ...
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
logo
ACCUTEK MICROCIRCUIT CO...
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
logo
Balluff Korea Ltd.
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
   Adapters
0.61_2022-07-11
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
   Adapters
0.54_2022-07-16
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
   Adapters
0.54_2022-07-11
logo
Coolgear Inc.
DIN-RAIL-CLIP COOLGEAR-DIN-RAIL-CLIP Datasheet
214Kb / 2P
   DIN-Rail-Clip For USBGear/SerialGear/Cable max/CoolGear Adapters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com