Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39121432 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 39121432
Description  PCB terminal block - MKDS 1/ 4-3,81 SMD BK - 1727256
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121432 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  39121432 Datasheet HTML 1Page - PHOENIX CONTACT 39121432 Datasheet HTML 2Page - PHOENIX CONTACT 39121432 Datasheet HTML 3Page - PHOENIX CONTACT 39121432 Datasheet HTML 4Page - PHOENIX CONTACT 39121432 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/us/products/1727256
2/18/14   Page 5 / 5
PCB terminal block - MKDS 1/ 4-3,81 SMD BK - 1727256
Accessories
Labeled terminal marker
Marker cards - SK 3,81/2,8:FORTL.ZAHLEN - 0804109
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100, Mounting
type: Adhesive, For terminal block width: 3.81 mm, Lettering field: 3.81 x 2.8 mm
 
 
Screwdriver tools
Screwdriver - SZS 0,4X2,5 VDE - 1205037
Screwdriver, slot-headed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
 
 
Drawings
Drilling diagram
1,5
a
3,81
3,81
2,6
Dimensioned drawing
7,3
2
3,5
a+11,43
3,81
1,9
a
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121432 PHOENIX-39121432 Datasheet
66Kb / 3P
   Printed-circuit board connector - BCVP-381WF-11 GY
39121432 PHOENIX-39121432 Datasheet
73Kb / 4P
   Printed-circuit board connector - BCP-500-16 GN
39121432 PHOENIX-39121432 Datasheet
75Kb / 5P
   PCB terminal block - MK3DS 3/ 3-5,08 BK
39121432 PHOENIX-39121432 Datasheet
76Kb / 5P
   Printed-circuit board connector - BCVP-508R- 8 GN
39121432 PHOENIX-39121432 Datasheet
77Kb / 4P
   Cable connector - MC 1,5/ 8-ST1-5,08 GY
More results

Similar Description - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727230 PHOENIX-1727230 Datasheet
78Kb / 5P
   PCB terminal block - MKDS 1/ 2-3,81 SMD BK
1727175 PHOENIX-1727175 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/ 8-3,81 SMD BK
1727269 PHOENIX-1727269 Datasheet
349Kb / 9P
   MKDS 1/ 5-3,81 SMD BK - PCB terminal block
1727298 PHOENIX-1727298 Datasheet
73Kb / 5P
   PCB terminal block - MKDS 1/ 9-3,81 SMD BK
1727311 PHOENIX-1727311 Datasheet
73Kb / 5P
   PCB terminal block - MKDS 1/11-3,81 SMD BK
1727324 PHOENIX-1727324 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/12-3,81 SMD BK
1727243 PHOENIX-1727243 Datasheet
79Kb / 5P
   PCB terminal block - MKDS 1/ 3-3,81 SMD BK
1727272 PHOENIX-1727272 Datasheet
116Kb / 6P
   PCB terminal block - MKDS 1/ 6-3,81 SMD BK
1932410 PHOENIX-1932410 Datasheet
129Kb / 5P
   PCB terminal block - MKDS 1/ 4-3,81 HT BK
1800025 PHOENIX-1800025 Datasheet
98Kb / 3P
   PCB terminal block - MKDS 1/ 8-3,81 BK
11/04/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com