Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH250PS24 Datasheet(PDF) 7 Page - XP Power Limited

Part # EMH250PS24
Description  250/350 Watts EMH Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH250PS24 Datasheet(HTML) 7 Page - XP Power Limited

  EMH250PS24 Datasheet HTML 1Page - XP Power Limited EMH250PS24 Datasheet HTML 2Page - XP Power Limited EMH250PS24 Datasheet HTML 3Page - XP Power Limited EMH250PS24 Datasheet HTML 4Page - XP Power Limited EMH250PS24 Datasheet HTML 5Page - XP Power Limited EMH250PS24 Datasheet HTML 6Page - XP Power Limited EMH250PS24 Datasheet HTML 7Page - XP Power Limited EMH250PS24 Datasheet HTML 8Page - XP Power Limited EMH250PS24 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Recommended
Airflow
Direction
Input Terminal Block - Dinkle Products DT-2C-A02W-03
Output Terminals
M4 PAN HD screws in 4 positions
Torque to 8 lbs-in (90 cNm) max.
-V1
+V1
Input Terminal Block
Center Line
Output Connector
Center Line
+V2
-V2
2.00
(50.8)
4.00
(101.6)
2.58
(65.4)
1.31
(33.1)
1.96
(49.8)
0.69
(17.4)
0.63
(16.1)
7.00 (177.8)
1.75
(44.5)
1.18
(29.9) 0.88
(22.2)
0.57
(14.4)
7.59 (192.8)
2.00
(50.8)
N
0.71
17.93
4.00
(101.6)
2.57
(65.4)
1.96
(49.8)
0.69
(17.4)
C3
0.63
(16.1)
1.57
(39.8)
0.75
(19.1)
1.30
(33.1)
L
E
-V1
+V1
-V2
+V2
Output Terminals
M4 PAN HD screws in 4 positions
Torque to 8 lbs-in (90 cNm) max.
Output Connector
Center Line
Input Terminal Block
Center Line
Input Terminal Block
TYCO p/n 640445-5
M3 Mounting holes in 2 positions each side
Max penetration by screw:
3.5 mm from outside face of chassis
6.00 (152.4)
4.00 (101.6)
1.73 (44.0)
Airflow
Direction
C5
T1
D5
16 CFM
EMH350
Mechanical Details
Models and Ratings
Dual Outputs
Notes
Output Voltage V1 Output Current V1 Output Voltage V2 Output Current V2 Standby Supply Fan Supply V3 Output Power Model Number(1)
12 V
16.5 A
24 V
8.3 A
5.0 V/2.0 A
12 V/0.6 A
354 W
EMH350PD21-U
12 V
16.5 A
36 V
5.5 A
5.0 V/2.0 A
12 V/0.6 A
354 W
EMH350PD22-U
12 V
16.5 A
48 V
4.2 A
5.0 V/2.0 A
12 V/0.6 A
355 W
EMH350PD23-U
24 V
8.3 A
48 V
4.2 A
5.0 V/2.0 A
12 V/0.6 A
354 W
EMH350PD24-U
60 V
3.3 A
60 V
3.3 A
5.0 V/2.0 A
12 V/0.6 A
354 W
EMH350PD25-U
EMH350PDxx U
Notes
1. Dimensions shown in inches (mm). Tolerance: ±0.02 (±0.5)
2. Weight: 0.9 lb (410 g).
1. For integral end fan version, replace ‘-U’ in model number with ‘- EF’
2. Output voltages to 120 VDC possible with series output connection contact
sales.
EMH350PDxx EF
Pin Connections
Pin
Function
Pin
Function
1
-VE Standby
7
+VE Sense
2
-VE Standby
8
-VE Sense
3
+VE Standby
9
Current Share
4
+VE Standby
10
Inhibit
5
Fan +VE
11
Power Fail
6
Fan -VE
12 Not Connected
Signals Connector - 12 WAY 2mm PITCH p/n JST S12B-PHDSS
Mating HALF - p/n JST PHDR-12VS
Contact - 26-22 AWG p/n JST SPHD-001T-P0.5
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 11
Pin 12
Pin 9
Pin 10
Pin 7
Pin 8


Similar Part No. - EMH250PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH250PS24 XPPOWER-EMH250PS24 Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
More results

Similar Description - EMH250PS24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
   350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
   350 Watts
logo
Artesyn Technologies
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
   350 Watts
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
   350 Watts
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
   350 Watts
logo
Astec America, Inc
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
   350 Watts LPS350 Series
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
   350-1400 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com