Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH350PS24 Datasheet(PDF) 8 Page - XP Power Limited

Part # EMH350PS24
Description  250/350 Watts EMH Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH350PS24 Datasheet(HTML) 8 Page - XP Power Limited

  EMH350PS24 Datasheet HTML 1Page - XP Power Limited EMH350PS24 Datasheet HTML 2Page - XP Power Limited EMH350PS24 Datasheet HTML 3Page - XP Power Limited EMH350PS24 Datasheet HTML 4Page - XP Power Limited EMH350PS24 Datasheet HTML 5Page - XP Power Limited EMH350PS24 Datasheet HTML 6Page - XP Power Limited EMH350PS24 Datasheet HTML 7Page - XP Power Limited EMH350PS24 Datasheet HTML 8Page - XP Power Limited EMH350PS24 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Model
Functions
Remote
Sense
Fan Supply
5 V Standby
AC OK/
Power Fail
Inhibit V1 &
V Fan
Current Share
Variable Speed
Fan Control
PMBus
EMH350PDxx-U
Contact
Sales
EMH350PDxx-EF
EMH350
Signals & Controls
Dual Outputs
Characteristic
Notes & Conditions
Signals & Control
Remote Sense
Compensates for 0.5 V total voltage drop
12 V Fan Supply (V3)
12 V/0.6 A supply, present when AC supplied, inhibit turns fan supply off.
5V Standby
5 V/2 A supply, always present when AC supplied
AC OK/Power Fail
AC OK is an open collector transistor, referenced to negative sense, providing a minimum of 3 ms warning of loss of output
regulation. The transistor is normally off when AC is healthy. See fig. 4.
Inhibit
The inhibit high pin should be pulled below 0.4 V to switch V1 & V Fan (V3) off. Open circuit or 2-8 V maximum to switch
the output on. See fig. 5.
Current Share
Connecting pin 9 (-01 & -02 models) of like voltage units (3 maximum) will force the current to share between the outputs.
Units share current within 10% of each other at full load. See fig. 6.
Variable Speed Fan Control
Only available for -EF models. Varies the speed of the integral fans depending input voltage, output power & ambient tem-
perature within the unit.
-
+
-
+
-
+
-
+
V1 Output
V1 Output
V1 Output
- S
en
se
+ S
ens
e
Current
Share
Current
Share
-
+
-
+
-
+
V2 Output
V2 Output
V2 Output
EMH350PDXX (1)
EMH350DSXX (2)
EMH350PDXX (3)
EMH350PDXX (1)
EMH350DSXX (2)
EMH350PDXX (3)
Load
AC OK/Power Fail
Inhibit
Parallel Load & Current Share
AC OK Collector
Pin 11
AC OK Emitter
Pin 8 (-sense)
POWER SUPPLY
Transistor On (<0.8 V):
AC OK
Transistor Off (>4.5 V):
AC NOT OK
J2 Logic Connector
1 K
5 V Standby
Pin 3 or 4
Max 30 V 10 mA
Inhibit Hi
Pin 10
POWER SUPPLY
Signals Connector
Inhibit Lo
Pin 8 (-sense)
Figure 4.
Figure 5.
Figure 6.
Signals Description & Compatibility


Similar Part No. - EMH350PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH350PS24 XPPOWER-EMH350PS24 Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
EMH350PS24D XPPOWER-EMH350PS24D Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
More results

Similar Description - EMH350PS24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
   350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
   350 Watts
logo
Artesyn Technologies
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
   350 Watts
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
   350 Watts
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
   350 Watts
logo
Astec America, Inc
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
   350 Watts LPS350 Series
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
   350-1400 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com