Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFE1100-12-054NA Datasheet(PDF) 4 Page - Power-One

Part # PFE1100-12-054NA
Description  PFE1100-12-054xA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFE1100-12-054NA Datasheet(HTML) 4 Page - Power-One

  PFE1100-12-054NA Datasheet HTML 1Page - Power-One PFE1100-12-054NA Datasheet HTML 2Page - Power-One PFE1100-12-054NA Datasheet HTML 3Page - Power-One PFE1100-12-054NA Datasheet HTML 4Page - Power-One PFE1100-12-054NA Datasheet HTML 5Page - Power-One PFE1100-12-054NA Datasheet HTML 6Page - Power-One PFE1100-12-054NA Datasheet HTML 7Page - Power-One PFE1100-12-054NA Datasheet HTML 8Page - Power-One PFE1100-12-054NA Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PFE1100-12-054xA
4
www.power-one.com
DATA SHEET
Figure 2 - Efficiency vs. Load current (ratio metric loading)
Figure 3 - Power factor vs. Load current
Figure 4 - PFC Stability region
Figure 5 - Inrush current, Vin = 230Vac, 90°
CH4: Vin (200V/div), CH3: Iin (20A/div)
5 OUTPUT
General Condition: Ta = 0 … +45 °C unless otherwise noted.
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Main Output V1
V1 nom
Nominal Output Voltage
0.5 ∙I1 nom, Tamb = 25 °C
12.0
VDC
V1 set
Output Setpoint Accuracy
-0.5
+0.5
% V1 nom
dV1 tot
Total Regulation
Vi min to Vi max, 0 to 100% I1 nom, Ta min to Ta max
-1
+1
% V1 nom
P1 nom
Nominal Output Power
V1 = 12 VDC
1080
W
I1 nom
Nominal Output Current
V1 = 12 VDC
90.0
ADC
v1 pp
Output Ripple Voltage
V1 nom, I1 nom, 20MHz BW (See Section 5.1)
150
mVpp
dV1 Load
Load Regulation
Vi = Vi nom, 0 - 100 % I1 nom
60
mV
dV1 Line
Line Regulation
Vi =Vi min…Vi max
0
mV
I1 max
Current Limitation
PFE1100-12-054NA
Vi > 115 VAC, Ta < 45°C
Vi > 90 VAC, Ta < 45°C
Vi > 180 VAC, Ta < 45°C
Vi > 90 VAC, Ta < 45°C
93.5
74
100
78
ADC
Current Limitation
PFE1100-12-054RA
91
71
95
75
dIshare
Current Sharing
Deviation from I1 tot / N, I1 > 10%
-3
+3
A
dVdyn
Dynamic Load Regulation
ΔI1 = 50% I1 nom, I1 = 5 … 100% I1 nom,
dI1/dt = 1A/μs, recovery within 1% of V1 nom
-0.6
0.6
V
Trec
Recovery Time
1
ms
tAC V1
Start-up Time from AC
V1 = 10.8 VDC (see Figure 7)
2
sec
tV1 rise
Rise Time
V1 = 10…90% V1 nom (see Figure 8)
1
10
ms
CLoad
Capacitive Loading
Ta = 25°C
30000
μF
88
89
90
91
92
93
94
95
0
200
400
600
800
1000
Po [W]
Vi = 230Vac, fan internal
Vi = 230Vac, fan external
Platinum
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
1
0
200
400
600
800
1000
Po [W]
Vi = 230Vac
Vi = 115Vac
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
700
800
900
1000
Line Inductance [uH]
Stable
Unstable


Similar Part No. - PFE1100-12-054NA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE1100-12-054ND BEL-PFE1100-12-054ND Datasheet
1Mb / 16P
   DC-DC FRONT END POWER SUPPLY
More results

Similar Description - PFE1100-12-054NA

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL12 TRACOPOWER-TEL12 Datasheet
942Kb / 4P
   TEL 12 Series, 12 Watt
Rev. November 30, 2022
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
logo
Analog Devices
AD8387 AD-AD8387_15 Datasheet
397Kb / 16P
   High Performance, 12-Bit, 12-Channel
REV. 0
logo
MOSDESIGN SEMICONDUCTOR...
M12-1 MOSDESIGN-M12-1 Datasheet
106Kb / 1P
   12 KEYS PIANO 8/12 DEMO TUNES
2001-09-12
logo
PerkinElmer Optoelectro...
ZS1052-12 PERKINELMER-ZS1052-12 Datasheet
91Kb / 2P
   ZS1052-12
logo
Adels-Contact
121212 ADELS-121212 Datasheet
121Kb / 2P
   230/12
logo
Power-One
CY700SMS POWER-ONE-CY700SMS Datasheet
304Kb / 3P
   12 WATT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com