Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCA1012D02 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCA1012D02
Description  10 Watts JCA Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA1012D02 Datasheet(HTML) 2 Page - XP Power Limited

  JCA1012D02 Datasheet HTML 1Page - XP Power Limited JCA1012D02 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16-Apr-13
JCA10
Mechanical Details
Application Note
Models and Ratings
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. Input current is at nominal input voltage.
3. Efficiency is measured at nominal input and full load at 25 °C.
0.02
(0.5)
0.1 (2.5)
0.02 (0.5)
0.90
(22.9)
0.60
(15.2)
0.20
(5.1)
1.00
(25.4)
0.4 ±0.02
(10.0 ± 0.5)
0.15
(3.8)
23
2
22
3
16
9
14
11
0.60 (15.2)
0.09 (±0.02)
(2.4 ±0.5)
0.80 ±0.02
(20.3 ±0.5)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No pin
Common
11
N/C
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input Voltage(1)
Output Voltage
Output Current
Input Current(2)
Efficiency
Model Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
2.42 A
100 mA
1.905 A
82%
JCA1005S03
5.0 VDC
1.60 A
84 mA
1.839 A
86%
JCA1005S05
12.0 VDC
0.83 A
126 mA
2.324 A
85%
JCA1005S12
15.0 VDC
0.66 A
120 mA
2.271 A
86%
JCA1005S15
±5.0 VDC
±0.80 A
129 mA
1.918 A
82%
JCA1005D01
±12.0 VDC
±0.42 A
126 mA
2.388 A
84%
JCA1005D02
±15.0 VDC
±0.33 A
105 mA
2.297 A
85%
JCA1005D03
9-18 VDC
3.3 VDC
2.42 A
52 mA
0.784 A
84%
JCA1012S03
5.0 VDC
1.60 A
49 mA
0.745 A
89%
JCA1012S05
12.0 VDC
0.83 A
42 mA
0.930 A
89%
JCA1012S12
15.0 VDC
0.66 A
42 mA
0.916 A
89%
JCA1012S15
±5.0 VDC
±0.80 A
45 mA
0.778 A
85%
JCA1012D01
±12.0 VDC
±0.42 A
44 mA
0.944 A
88%
JCA1012D02
±15.0 VDC
±0.33 A
44 mA
0.915 A
89%
JCA1012D03
18-36 VDC
3.3 VDC
2.42 A
28 mA
0.388 A
85%
JCA1024S03
5.0 VDC
1.60 A
27 mA
0.375 A
88%
JCA1024S05
12.0 VDC
0.83 A
19 mA
0.461 A
89%
JCA1024S12
15.0 VDC
0.66 A
18 mA
0.455 A
90%
JCA1024S15
±5.0 VDC
±0.80 A
16 mA
0.387 A
85%
JCA1024D01
±12.0 VDC
±0.42 A
22 mA
0.469 A
89%
JCA1024D02
±15.0 VDC
±0.33 A
25 mA
0.455 A
90%
JCA1024D03
36-75 VDC
3.3 VDC
2.42 A
13 mA
0.199 A
82%
JCA1048S03
5.0 VDC
1.60 A
11 mA
0.186 A
89%
JCA1048S05
12.0 VDC
0.83 A
7 mA
0.231 A
89%
JCA1048S12
15.0 VDC
0.66 A
9 mA
0.229 A
89%
JCA1048S15
±5.0 VDC
±0.80 A
5 mA
0.194 A
85%
JCA1048D01
±12.0 VDC
±0.42 A
9 mA
0.236 A
89%
JCA1048D02
±15.0 VDC
±0.33 A
10 mA
0.229 A
89%
JCA1048D03
C1
4.7µF/100V
+Vin
-Vin
L1
470µH Common mode choke
1
2
4
3
JCA10
Input Filter
To meet level B conducted emissions.
1. All dimensions in inches (mm)
2. Weight: 0.03 lbs (12 g)
3. Pin diameter tolerance: ±0.00079 (±0.02)
4. Pin pitch tolerance: ±0.01 (±0.25)
5. Case tolerance: ±0.02 (±0.5)


Similar Part No. - JCA1012D02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA1012D02 XPPOWER-JCA1012D02 Datasheet
264Kb / 2P
   10 Watts JCA Series
More results

Similar Description - JCA1012D02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
   4/6 Watts JCA Series
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
   10 Watts JCH Series
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
   10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
   10 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
   10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com