Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA2405S Datasheet(PDF) 1 Page - XP Power Limited

Part # IA2405S
Description  1 Watt IA Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IA2405S Datasheet(HTML) 1 Page - XP Power Limited

  IA2405S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21-Jan-11
Specification
1 Watt
Dual Output
SIP or DIP Package
Industry Standard Pinout
1000 VDC Isolation
40 °C to +85 °C Operation
MTBF >1.1 MHrs
3 Year Warranty
IA Series
Input
Input Voltage Range
• Nominal ±10%(5)
Input Reflected
• 20 mA pk-pk (through 12 µH inductor 5 Hz
Ripple Current
to 20 MHz)
Input Reverse Voltage
• None
Protection
Output
Output Voltage
See table
Minimum Load
• None(6)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• 10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 75 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• ±100 µF
Load
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC minimum
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 60 pF typical
Switching Frequency
• Variable, 80 KHz typical
MTBF
• >1.12 MHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
Input Voltage
Output
Voltage
Output
Current(4)
Efficiency
Model
Number(1)
3.3 VDC
±5.0 V
±100 mA
66%
IA0305S
5 VDC
±3.3 V
±151 mA
65%
IA0503S
±5.0 V
±100 mA
74%
IA0505S
±9.0 V
±55 mA
78%
IA0509S
±12.0 V
±42 mA
78%
IA0512S
±15.0 V
±33 mA
80%
IA0515S
±24.0 V
±21 mA
80%
IA0524S
12 VDC
±3.3 V
±151 mA
66%
IA1203S
±5.0 V
±100 mA
75%
IA1205S
±9.0 V
±55 mA
76%
IA1209S
±12.0 V
±42 mA
78%
IA1212S
±15.0 V
±33 mA
80%
IA1215S
±24.0 V
±21 mA
76%
IA1224S
24 VDC
±3.3 V
±151 mA
68%
IA2403S
±5.0 V
±100 mA
74%
IA2405S
±9.0 V
±55 mA
76%
IA2409S
±12.0 V
±42 mA
78%
IA2412S
±15.0 V
±33 mA
78%
IA2415S
±24.0 V
±21 mA
78%
IA2424S
48 VDC(5)
±3.3 V
±151 mA
60%
IA4803S
±5.0 V
±100 mA
70%
IA4805S
±9.0 V
±55 mA
72%
IA4809S
±12.0 V
±42 mA
74%
IA4812S
±15.0 V
±33 mA
74%
IA4815S
±24.0 V
±21 mA
70%
IA4824S
Mechanical Details
0.24 (6.09) max
(2)
0.76
(19.30) max
0.40
(10.16) max
0.80
(20.32) max
0.25
(6.35) max
(3)
0.11
(2.79) min
0.3
(7.62)
0.01
(0.254) max
+Vin
-Vout
0V
+Vout
-Vin
NC
0.3 (7.62)
0.60
(15.24)
0.01
(0.254) max
+Vin
-Vout 0V +Vout
-Vin
0.055 (1.40)
0.18
(4.57)
0.5
(12.70)
SIP Package
DIP Package
0.4 (10.16) max
0.02
(0.5)
0.12
(3.05) min
0.1
(2.54)
0.02
(0.51)
0.02
(0.51)
1. Replace ‘S’ in model number with ‘D’ for DIP package.
2. SIP 48 Vin models, dimension is 0.28 (7.20) max.
3. DIP 48 Vin models, dimension is 0.27 (6.88) max.
4. Outputs power-trade.
5. For 48 V models a 10 µF capacitor is required between +Vin and -Vin pins.
6. Operation at no load will not damage unit but it may not meet all specifications.
7. All dimensions in inches (mm).
8. Pin pitch tolerance: ±0.014 (±0.35)
9. Case tolerance ±0.02 (±0.5)
10. Weight: SIP 0.006 lbs (2.6 g), DIP 0.005 lbs (2.3 g)
Notes


Similar Part No. - IA2405S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IA2405S XPPOWER-IA2405S Datasheet
225Kb / 1P
   Dual Output
IA2405S XPPOWER-IA2405S Datasheet
98Kb / 1P
   Dual Output
IA2405S XPPOWER-IA2405S Datasheet
98Kb / 1P
   Dual Output
logo
MORNSUN Science& Techno...
IA2405S-1W MORNSUN-IA2405S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IA2405S-1W REICU-IA2405S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
More results

Similar Description - IA2405S

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
   TDU 1 Series, 1 Watt
Rev. January 31, 2023
logo
PHOENIX CONTACT
2910758 PHOENIX-2910758 Datasheet
47Kb / 2P
   Manual - UM IA WF 1000
09/12/2020
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
   TES 1 Series, 1 Watt
Rev. November 30, 2022
logo
Bellnix Co.,Ltd.
BUD_D BELLNIX-BUD_D Datasheet
1Mb / 14P
   1 Watt BUD Series
logo
XP Power Limited
ISJ1205A XPPOWER-ISJ1205A Datasheet
147Kb / 1P
   1 Watt ISJ Series
IE0303SH XPPOWER-IE0303SH Datasheet
105Kb / 1P
   1 Watt IE Series
logo
Power-One
CUS509 POWER-ONE-CUS509 Datasheet
42Kb / 2P
   1 WATT
logo
XP Power Limited
IQ1515SA XPPOWER-IQ1515SA Datasheet
103Kb / 1P
   1 Watt
logo
PEAK electronics GmbH
P6AUIU-3R33R3ELF PEAK-P6AUIU-3R33R3ELF Datasheet
440Kb / 4P
   1 Watt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com