Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKP100MT315 Datasheet(PDF) 6 Page - C&D Technologies

Part # VKP100MT315
Description  100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKP100MT315 Datasheet(HTML) 6 Page - C&D Technologies

  VKP100MT315 Datasheet HTML 1Page - C&D Technologies VKP100MT315 Datasheet HTML 2Page - C&D Technologies VKP100MT315 Datasheet HTML 3Page - C&D Technologies VKP100MT315 Datasheet HTML 4Page - C&D Technologies VKP100MT315 Datasheet HTML 5Page - C&D Technologies VKP100MT315 Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
VKP100xT
REV D
12/2001
Product: www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537
Fax: 520.770.9369
C&D Technologies (Power Electronics) Ltd.
Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
C&D Technologies, (NCL)
Milton Keynes MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be
accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and in
user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
MECHANICAL
1
PRIMARY ON/OFF
2-VIN
3+VIN
4
SYNC IN
5-V2
6
+V2
7
TRIM
8
+V1
9-V1
10
SECONDARY ON/OFF
11
+V3
12
-V3
PIN CONNECTIONS
MATERIAL: Units are encapsulated in a low thermal resistance molding
compound which has excellent chemical resistance and
electrical
properties in high humidity environments and over a wide operating
temperature range. The encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is
solder plated to allow ease of
solderability.
*See Ordering Information on page 4 for available lead lengths.
NOTES:
All dimensions are in inches (millimeters).
PIN PLACEMENT TOLERANCE: ± 0.005"
MECHANICAL TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code, job code.


Similar Part No. - VKP100MT315

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP100MT315 MURATA-PS-VKP100MT315 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT315C MURATA-PS-VKP100MT315C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results

Similar Description - VKP100MT315

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com