Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2110-2PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2110-2PBF
Description  HIGH AND LOW SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2110-2PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2110-2PBF Datasheet HTML 4Page - International Rectifier IRS2110-2PBF Datasheet HTML 5Page - International Rectifier IRS2110-2PBF Datasheet HTML 6Page - International Rectifier IRS2110-2PBF Datasheet HTML 7Page - International Rectifier IRS2110-2PBF Datasheet HTML 8Page - International Rectifier IRS2110-2PBF Datasheet HTML 9Page - International Rectifier IRS2110-2PBF Datasheet HTML 10Page - International Rectifier IRS2110-2PBF Datasheet HTML 11Page - International Rectifier IRS2110-2PBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.irf.com
8
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Figure 9B. Shutdown Time vs. Supply Voltage
Figure 9A. Shutdown Time vs. Temperature
Figure 9C. Shutdown Time
vs. VDD Supply Voltage
Figure 10A. Turn-On Rise Time
vs. Temperature
Figure 10B. Turn-On Rise Time vs. Voltage
0
20
40
60
80
100
10
12
14
16
18
20
Max.
Typ.
Figure 11A. Turn-Off Fall Time vs. Temperature
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Max.
Typ.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (oC)
0
50
100
150
200
250
10
12
14
16
18
20
Max.
Typ.
Max.
Typ.
Temperature (o C)
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Max.
Typ.
0
50
100
150
200
250
0
2
4
6
8
10 12
14 16
18 20
VDD Supply Voltage (V)
M ax.
Typ.
VBIAS Supply Voltage (V)
Temperature (o C)
VBIAS Supply Voltage (V)


Similar Part No. - IRS2110-2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2110-2PBF IRF-IRS2110-2PBF Datasheet
493Kb / 19P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2110-2PBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com