Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2166DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2166DPBF
Description  PFC BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2166DPBF Datasheet HTML 1Page - International Rectifier IRS2166DPBF Datasheet HTML 2Page - International Rectifier IRS2166DPBF Datasheet HTML 3Page - International Rectifier IRS2166DPBF Datasheet HTML 4Page - International Rectifier IRS2166DPBF Datasheet HTML 5Page - International Rectifier IRS2166DPBF Datasheet HTML 6Page - International Rectifier IRS2166DPBF Datasheet HTML 7Page - International Rectifier IRS2166DPBF Datasheet HTML 8Page - International Rectifier IRS2166DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IRS2166D(S)PbF
www.irf.com
Page 2
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
625
VS
High-side floating supply offset voltage
VB – 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low-side output voltage
-0.3
VCC + 0.3
VPFC
PFC gate driver output voltage
-0.3
VCC + 0.3
V
IO,MAX
Maximum allowable output current (HO, LO, PFC) due to external
power transistor miller effect
-500
500
mA
VBUS
VBUS pin voltage
-0.3
VCC + 0.3
VCPH
CPH pin voltage
-0.3
VCC + 0.3
VRT
RT pin voltage
-0.3
VCC + 0.3
VRPH
RPH pin voltage
-0.3
VCC + 0.3
V
IRT
RT pin current
-5
5
IRPH
RPH pin current
-5
5
mA
VCT
CT pin voltage
-0.3
VCC + 0.3
V
ICOMP
COMP pin current
-5
5
IZX
ZX pin current
-5
5
ICC
VCC pin current (see Note 1)
-25
25
mA
VSD/EOL
SD/EOL pin voltage
-0.3
VCC + 0.3
V
ISD/EOL
SD/EOL pin current
-5
5
mA
VCS
CS pin voltage
-0.3
VCC + 0.3
V
ICS
CS pin current
-5
5
mA
dV/dt
Allowable VS offset voltage slew rate
-50
50
V/ns
(16-Pin DIP)
---
1.8
PD
Package power dissipation @ TA ≤ +25 ºC
PD = (TJMAX-TA)/RθJA
(16-Pin SOIC)
---
1.4
W
(16-Pin DIP)
---
70
RΘJA
Thermal resistance, junction to ambient
(16-Pin SOIC)
---
82
ºC/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
ºC
Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6 V. This supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP
specified in the electrical characteristics section.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VB-VS
High side floating supply voltage
VBSUV+
VCLAMP
VS
Steady state high-side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
V
ICC
VCC supply current (see Note 2)
Note 2
20
mA
CT
CT pin capacitance
220
---
pF
ISD/EOL
SD/EOL pin current
ICS
CS pin current
IZX
ZX pin current
-1
1
mA
TJ
Junction temperature
-25
125
ºC
Note 2: Enough current should be supplied into the VCC pin to keep the internal 15.6 V zener clamp diode on this pin
regulating its voltage, VCLAMP.


Similar Part No. - IRS2166DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DPBF IRF-IRS2166DPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com