Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2166DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2166DPBF
Description  PFC BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2166DPBF Datasheet HTML 1Page - International Rectifier IRS2166DPBF Datasheet HTML 2Page - International Rectifier IRS2166DPBF Datasheet HTML 3Page - International Rectifier IRS2166DPBF Datasheet HTML 4Page - International Rectifier IRS2166DPBF Datasheet HTML 5Page - International Rectifier IRS2166DPBF Datasheet HTML 6Page - International Rectifier IRS2166DPBF Datasheet HTML 7Page - International Rectifier IRS2166DPBF Datasheet HTML 8Page - International Rectifier IRS2166DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IRS2166D(S)PbF
www.irf.com
Page 3
Electrical Characteristics
VCC = VBS = VBIAS=14 V +/- 0.25 V, VCPH=VSD/EOL=VCOMP=VCS=VBUS=VZX=0.0 V, RT = RPH = 39.2 kΩ, CLO = CHO = CPFC =
1000 pF, CT = 470 pF, TA =25 °C unless otherwise specified. See state diagram for MODE.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
threshold
11.5
12.5
13.5
VCC rising from 0 V,
CT = COM
VCCUV-
VCC supply undervoltage negative going
threshold
9.5
10.5
11.5
VCC falling from 14 V,
CT = COM
VUVHYS
VCC supply undervoltage lockout hysteresis
1.5
2.0
3.0
V
CT = COM
IQCCUV
UVLO mode VCC quiescent current
---
250
500
µA
VCC = 8 V, CT = COM
IQCC
Quiescent VCC supply current
---
4.3
5.1
mA
CT = COM
IQCCFLT
Fault quiescent VCC supply current
---
600
900
µA
MODE = FAULT
ICC,RUN
VCC current at RUN frequency
---
5.0
---
mA
MODE=RUN
COMP=2 V,
toff,PFC=2 μs
VCLAMP
VCC zener clamp voltage
14.6
15.6
16.6
V
ICC = 10 mA
Floating Supply Characteristics
IQBS0
Quiescent VBS supply current
---
30
70
VHO = VS
IQBS1
Quiescent VBS supply current
---
50
90
µA
VHO = VB
VBSUV+
VBS supply undervoltage positive going
threshold
8.0
9.0
10.0
VBS rising from 0 V
VBSUV-
VBS supply undervoltage negative going
threshold
7.0
8.0
9.0
V
VBS falling from 14 V
ILKVS
VS offset supply leakage current
---
---
50
µA
VB = VS = HO = 600 V
PFC Error Amplifier Characteristics
ICOMP,SOURCE OTA error amplifier output current sourcing
20
30
40
MODE = RUN
VVBUS = 3.5 V
ICOMP,SINK
OTA error amplifier output current sinking
-45
-35
-25
µA
MODE = RUN
VVBUS = 4.5 V
VCOMPOH
OTA error amplifier output voltage swing
(high state)
12.0
12.5
13.0
V
VCOMPOL
OTA error amplifier output voltage swing (low
state)
200
300
400
mV
PFC Control Characteristics
VVBUSREG
VBUS internal reference voltage
(guaranteed by design)
3.9
4.0
4.1
VVBUSOV+
VBUS over-voltage comparator positive going
threshold
4.1
4.3
4.5
VVBUSOV-
VBUS over-voltage comparator negative going
hysteresis
4.0
4.15
4.3
VCOMP=4.0 V
VZX
ZX pin positve edge triggered threshold
voltage
1.5
2.0
2.5
V
CT=COM
VZXHYS
ZX pin comparator hysterisis
100
300
500
mV
VZXclamp
ZX pin clamp voltage (high state)
5.7
6.7
7.7
V
IZX = 5 mA, CT=COM
tWD
PFC watch-dog pulse interval
150
400
500
µs
VZX = 0 V, VCOMP = 2.0 V
CT=COM


Similar Part No. - IRS2166DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DPBF IRF-IRS2166DPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com