Electronic Components Datasheet Search |
|
170M6162 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
170M6162 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 2 page Bussmann® The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Electrical Characteristics Form No. Page 2 of 2 BIF Doc #720014 Square Body – DIN 43 653 690V/700V (IEC/U.L.) 40-2000A Total Clearing I2t The total clearing I 2t at rated voltage and at power factor of 15% are given in the electrical characteristics. For other volt- ages, the clearing I 2t is found by multi- plying by correction factor, K , given as a function of applied working voltage, Eg, (RMS). Arc Voltage This curve gives the peak arc voltage, UL, which may appear across the fuse during its operation as a function of the applied working voltage, Eg, (RMS) at a power factor of 15%. Power Losses Watts loss at rated current is given in the electrical characteristics. The curve allows the calculation of the power losses at load currents lower than the rated current . The correction factor, Kp , is given as a function of the RMS load current, Ib , in % of the rated current . 100 200 300 400 500 600 690 K 1.5 1.0 0.5 0.4 0.3 0.2 E g 1) 2) U L 1.4 1.2 103 6 8 7 9 5 4 3 E g 200 300 400 500 600 690 Kp 1.0 0.8 0.4 0.5 0.6 0.3 0.2 0.1 30 40 50 60 70 80 90 100% I b A B C D E E 6 11 H Size A B B§ C C§ D E H 1* 50 104 134 78 108 58 45 22 1 50 108 138 78 108 66 53 25 2 50 108 138 78 108 75 61 25 3 51 109 139 78 108 90 76 30 §Valid for fuses type -/110, -TN/110 Dimension in mm. 1mm = 0.0394∑ 1∑ = 25.4mm Dimensions DIN 43 653: Type -/80, -TN/80, -/110, -TN/110 1) Rated voltage 600V 2) Rated voltage 550V ® 7-11-01 SB01191 R |
Similar Part No. - 170M6162 |
|
Similar Description - 170M6162 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |