Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2334MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2334MPBF
Description  3 PHASE GATE DRIVER HVIC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2334MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2334MPBF Datasheet HTML 1Page - International Rectifier IRS2334MPBF Datasheet HTML 2Page - International Rectifier IRS2334MPBF Datasheet HTML 3Page - International Rectifier IRS2334MPBF Datasheet HTML 4Page - International Rectifier IRS2334MPBF Datasheet HTML 5Page - International Rectifier IRS2334MPBF Datasheet HTML 6Page - International Rectifier IRS2334MPBF Datasheet HTML 7Page - International Rectifier IRS2334MPBF Datasheet HTML 8Page - International Rectifier IRS2334MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.irf.com
02-Apr-10
© 2010 International Rectifier
1
27 January 2011
IRS2334SPbF/IRS2334MPbF
3 PHASE GATE DRIVER HVIC
Features
Floating channel designed for bootstrap operation
Fully operational to 600 V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 V to 20 V
Integrated dead time protection
Shoot-through (cross-conduction) prevention logic
Under-Voltage lockout for both channels
Independent 3 half-bridge drivers
3.3 V input logic compatible
Advanced input filter
Matched propagation delay for both channels
Lower di/dt gate driver for better noise immunity
Outputs in phase with inputs
RoHS compliant
Typical Applications
Motor Control
Low Power Fans
General Purpose Inverters
Micro/Mini Inverter Drivers
Product Summary
Topology
3 phase
VOFFSET
≤ 600 V
VOUT
10 V – 20 V
Io+ & I o- (typical)
200 mA & 350 mA
tON & tOFF (typical)
530 ns
Package Options
20 leads wide body SOIC
28 leads MLPQ 5x5 (32 leads without 4)
Typical Connection Diagram
HIN1,2,3
LIN1,2,3
HO1,2,3
LO1,2,3
Up to 600V
Vcc
LIN1,2,3
HIN1,2,3
TO
LOAD
VB1,2,3
V
S 1,2,3
Vcc
GND
COM
IRS2334


Similar Part No. - IRS2334MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2334MPBF IRF-IRS2334MPBF Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
logo
Infineon Technologies A...
IRS2334MPBF INFINEON-IRS2334MPBF Datasheet
737Kb / 33P
   3 PHASE GATE DRIVER HVIC
27 January 2011
More results

Similar Description - IRS2334MPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2334SPBF INFINEON-IRS2334SPBF Datasheet
737Kb / 33P
   3 PHASE GATE DRIVER HVIC
27 January 2011
logo
International Rectifier
IRS2334SPBF IRF-IRS2334SPBF Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF_15 Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
IRMDAC4 IRF-IRMDAC4 Datasheet
87Kb / 7P
   IR2137Q monolithic 3-phase HVIC driver
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
   Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
   3-Phase MOSFET Gate Driver
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
Powerex Power Semicondu...
M63972P POWEREX-M63972P Datasheet
66Kb / 4P
   HVIC High-Side Driver
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com