Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS23365DMTRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS23365DMTRPBF
Description  Drives up to six IGBT/MOSFET power devices
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS23365DMTRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS23365DMTRPBF Datasheet HTML 2Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 3Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 4Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 5Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 6Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 7Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 8Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 9Page - International Rectifier IRS23365DMTRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
IRS23365DM
6
www.irf.com
© 2012 International Rectifier
3 December, 2012
Static Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25
oC unless otherwise specified. The V
IN and IIN parameters are referenced to VSS and are
applicable to all six channels. The VO and IO parameters are referenced to respective VS and COM and are applicable to the
respective output leads HO or LO. The V
CCUV parameters are referenced to VSS. The VBSUV parameters are referenced to VS.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
V
CCUV+
V
CC supply undervoltage positive going threshold
8
8.9
9.8
V
CCUV-
V
CC supply undervoltage negative going
threshold
7.4
8.2
9
V
CCUVHY
VCC supply undervoltage hysteresis
0.3
0.7
V
BSUV+
V
BS supply undervoltage positive going threshold
8
8.9
9.8
V
BSUV-
V
BS supply undervoltage negative going
threshold
7.4
8.2
9
V
BSUVHY
VBS supply undervoltage hysteresis
0.3
0.7
V
NA
I
LK
High-side floating well offset supply leakage
50
VB = VS = 600 V
I
QBS
Quiescent VBS supply current
70
120
A
I
QCC
Quiescent VCC supply current
2
4
mA
All inputs are in the off
state
VOH
High level output voltage drop, VBIAS-VO
0.90
1.4
V
VOL
Low level output voltage drop, VO
0.40
0.6
V
IO= 20 mA
Io+
Output high short circuit pulsed current
120
180
VO=0 V,VIN=0 V,
PW ≤ 10 s
Io-
Output low short circuit pulsed current
250
380
mA
VO=15 V,VIN=5 V,
PW ≤ 10 s
V
IH
Logic “1” input voltage
2.5
VIL
Logic “0” input voltage
0.8
NA
VIN,CLAMP
Input voltage clamp
(HIN, LIN, ITRIP and EN)
4.8
5.2
5.65
V
IIN = 100 A
IHIN+
Input bias current (HO = High)
165
220
VIN = 0 V
IHIN-
Input bias current (HO = Low)
120
165
VIN = 4 V
ILIN+
Input bias current (LO = High)
165
220
VIN = 0 V
ILIN-
Input bias current (LO = Low)
120
165
A
VIN = 4 V
VRCIN,TH
RCIN positive going threshold
8
VRCIN,HY
RCIN hysteresis
3
V
NA
IRCIN
RCIN input bias current
1
A
VRCIN = 0 V or 15 V
RON,RCIN
RCIN low on resistance
50
100
I = 1.5 mA
VIT,TH+
ITRIP positive going threshold
0.37
0.46
0.55
V
NA
VIT,TH-
ITRIP negative going threshold
0.4
VIT,HYS
ITRIP hysteresis
0.07
IITRIP+
“High” ITRIP input bias current
5
20
A
VIN = 4 V
IITRIP-
“Low” ITRIP input bias current
1
VIN = 0 V
VEN,TH+
Enable positive going threshold
2.5
V
NA
VEN,TH-
Enable negative going threshold
0.8
IEN+
“High” enable input bias current
5
20
A
VIN = 4 V
IEN-
“Low” enable input bias current
1
VIN = 0 V
RON,FLT
FAULT low on resistance
50
100
I = 1.5 mA
RBS
Internal BS diode Ron
200
NA


Similar Part No. - IRS23365DMTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS23365DM INFINEON-IRS23365DM Datasheet
594Kb / 37P
   Drives up to six IGBT/MOSFET power devices
3 December, 2012
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
More results

Similar Description - IRS23365DMTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS23365DM INFINEON-IRS23365DM Datasheet
594Kb / 37P
   Drives up to six IGBT/MOSFET power devices
3 December, 2012
logo
International Rectifier
AUIRS2336S IRF-AUIRS2336S_15 Datasheet
665Kb / 37P
   Drives up to six IGBT/MOSFET power devices
AUIRS2112S IRF-AUIRS2112S_15 Datasheet
428Kb / 23P
   Drives IGBT/MOSFET power devices
logo
PHOENIX CONTACT
2316420 PHOENIX-2316420 Datasheet
79Kb / 3P
   Connect up to six Foundation Fieldbus or PROFIBUS PA field devices
logo
Maxim Integrated Produc...
MAX31840EVKIT MAXIM-MAX31840EVKIT Datasheet
664Kb / 8P
   Drives Up to 35V LED Forward Voltage
Rev 0; 8/17
logo
Nihon Inter Electronics...
PTMB75A6C NIEC-PTMB75A6C Datasheet
125Kb / 3P
   IGBT Module-Six Pack
PTMB100E6C NIEC-PTMB100E6C Datasheet
333Kb / 4P
   IGBT Module-Six Pack
PTMB75E6C NIEC-PTMB75E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
logo
IXYS Corporation
MWI50-12T7T IXYS-MWI50-12T7T Datasheet
274Kb / 7P
   Six-Pack Trench IGBT
MWI75-12T8T IXYS-MWI75-12T8T Datasheet
338Kb / 7P
   Six-Pack Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com