Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS682 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN54LS682
Description  8-BIT MAGNITUDE COMPARATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS682 Datasheet(HTML) 4 Page - Motorola, Inc

  SN54LS682 Datasheet HTML 1Page - Motorola, Inc SN54LS682 Datasheet HTML 2Page - Motorola, Inc SN54LS682 Datasheet HTML 3Page - Motorola, Inc SN54LS682 Datasheet HTML 4Page - Motorola, Inc SN54LS682 Datasheet HTML 5Page - Motorola, Inc SN54LS682 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-606
FAST AND LS TTL DATA
SN54/74LS682
•SN54/74LS684•SN54/74LS688
AC CHARACTERISTICS (TA = 25°C)
SN54/74LS682
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
13
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
14
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, P to P > Q
20
15
30
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
21
19
30
30
ns
SN54/74LS684
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
15
17
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
16
15
25
25
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, P to P > Q
22
17
30
30
ns
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P > Q
24
20
30
30
ns
SN54/74LS688
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, P to P = Q
12
17
18
23
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, Q to P = Q
12
17
18
23
ns
VCC = 5.0 V
CL = 45 pF
RL = 667 Ω
tPLH
tPHL
Propagation Delay, G , G1 to P = Q
12
13
18
20
ns
RL = 667 Ω


Similar Part No. - SN54LS682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS682 TI-SN54LS682 Datasheet
933Kb / 23P
[Old version datasheet]   8-BIT MAGNITUDE/IDENTITY COMPARATORS
SN54LS682 TI-SN54LS682 Datasheet
415Kb / 8P
[Old version datasheet]   8-BIT MAGNITUDE/IDENTITTY COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54LS682 TI-SN54LS682 Datasheet
1Mb / 33P
[Old version datasheet]   8-BIT MAGNITUDE/IDENTITY COMPARATORS
SN54LS682 TI-SN54LS682 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT MAGNITUDE/IDENTITY COMPARATORS
More results

Similar Description - SN54LS682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com