Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM005-301MHTR Datasheet(PDF) 1 Page - International Rectifier

Part # IRSM005-301MHTR
Description  Half-Bridge IPM for Low Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM005-301MHTR Datasheet(HTML) 1 Page - International Rectifier

  IRSM005-301MHTR Datasheet HTML 1Page - International Rectifier IRSM005-301MHTR Datasheet HTML 2Page - International Rectifier IRSM005-301MHTR Datasheet HTML 3Page - International Rectifier IRSM005-301MHTR Datasheet HTML 4Page - International Rectifier IRSM005-301MHTR Datasheet HTML 5Page - International Rectifier IRSM005-301MHTR Datasheet HTML 6Page - International Rectifier IRSM005-301MHTR Datasheet HTML 7Page - International Rectifier IRSM005-301MHTR Datasheet HTML 8Page - International Rectifier IRSM005-301MHTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRSM005-301MH
1 www.irf.com
© 2014 International Rectifier
March 4, 2014
30A, 100V
Description
The IRSM005-301MH is a general purpose half-bridge with integrated gate driver in an attractive 7x8mm
PQFN package. It is a general purpose building block suitable for a variety of low voltage applications where
power density is of critical importance. Typical examples would be advanced motor drives, dc-to-ac and dc-
to-dc converters.
Features
 Package with low thermal resistance and minimal parasitics
 Low on-resistance HEXFETs: 16 m typ.
 Undervoltage lockout on Vcc and Vbs
 Independent gate drive in phase with logic input
 Gate drive supply range from 10V to 20V
 Propagation delay matched to defined spec
 3.3V, 5V and 15V logic input compatible
 RoHS compliant
Internal Electrical Schematic
Gate
Driver
IC
V+
Lo
Ho
HIN
LIN
VCC
COM
V-
VS
VB
IRSM005-301 MH
26, 27
1
2
4
5
3, 6, 8
9
LO G2
7
25
24
HO
G1
18 to 23
10, 16, 17
11 to 15
Vs
Ordering Information
Orderable Part Number
Package Type
Form
Quantity
IRSM005-301MH
PQFN 7x8mm
Tray
1300
IRSM005-301MHTR
PQFN 7x8mm
Tape and Reel
2000
Half-Bridge IPM for Low Voltage
Applications


Similar Part No. - IRSM005-301MHTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM005-301MHTR INFINEON-IRSM005-301MHTR Datasheet
589Kb / 11P
   Half-Bridge IPM for Low Voltage Applications
March 18, 2014
More results

Similar Description - IRSM005-301MHTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM005-800MH INFINEON-IRSM005-800MH Datasheet
645Kb / 14P
   Half-Bridge IPM for Low Voltage Applications
March 19, 2014
logo
International Rectifier
IRSM005-800MH IRF-IRSM005-800MH_15 Datasheet
643Kb / 14P
   Half-Bridge IPM for Low Voltage Applications
IRSM005-301MH IRF-IRSM005-301MH_15 Datasheet
587Kb / 11P
   Half-Bridge IPM for Low Voltage Applications
logo
Infineon Technologies A...
IRSM005-301MH INFINEON-IRSM005-301MH Datasheet
589Kb / 11P
   Half-Bridge IPM for Low Voltage Applications
March 18, 2014
logo
Lowpower Semiconductor ...
LP1130B POWER-LP1130B Datasheet
540Kb / 5P
   Half-Bridge IPM
LP1130 POWER-LP1130 Datasheet
540Kb / 5P
   Half-Bridge IPM
LP1130A POWER-LP1130A Datasheet
540Kb / 5P
   Half-Bridge IPM
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-105MH INFINEON-IRSM808-105MH Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-204MH INFINEON-IRSM808-204MH Datasheet
516Kb / 10P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
February 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com