Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM807-105MH Datasheet(PDF) 5 Page - International Rectifier

Part # IRSM807-105MH
Description  Half-Bridge IPM for Small Appliance Motor Drive Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM807-105MH Datasheet(HTML) 5 Page - International Rectifier

  IRSM807-105MH Datasheet HTML 1Page - International Rectifier IRSM807-105MH Datasheet HTML 2Page - International Rectifier IRSM807-105MH Datasheet HTML 3Page - International Rectifier IRSM807-105MH Datasheet HTML 4Page - International Rectifier IRSM807-105MH Datasheet HTML 5Page - International Rectifier IRSM807-105MH Datasheet HTML 6Page - International Rectifier IRSM807-105MH Datasheet HTML 7Page - International Rectifier IRSM807-105MH Datasheet HTML 8Page - International Rectifier IRSM807-105MH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRSM807-105MH
5
www.irf.com
© 2013 International Rectifier
September 6, 2013
Target Qualification†
Qualification Level
Industrial
††
(per JEDEC JESD 47)
Moisture Sensitivity Level
MSL3
†††
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 1C
(per JEDEC standard ANSI/ESDA/JEDEC JS-001)
ESD
Machine Model
Class A
(per EIA/JEDEC standard JESD22-A115)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.
Module Pin-Out Description
Pin
Name
Description
1, 4, 7, 32
COM
Low Side Gate Drive Return
2
VCC
15V Gate Drive Supply
3
HIN
Logic Input for High Side (Active High)
5
LIN
Logic Input for Low Side (Active High)
8, 9, 10
V-
Low Side Source Connection
11 – 19
VS
Phase Output
20 – 28
V+
DC Bus
29 – 30
VS
Phase Output (-ve Bootstrap Cap Connection)
31
VB
High Side Floating Supply (+ve Bootstrap Cap Connection)
Exposed pad (Pin 32) has to be connected to COM for better electrical performance


Similar Part No. - IRSM807-105MH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM807-105MH IRF-IRSM807-105MH Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM807-105MHTR INFINEON-IRSM807-105MHTR Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
logo
International Rectifier
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM807-105MH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-105MH INFINEON-IRSM808-105MH Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-204MH INFINEON-IRSM808-204MH Datasheet
516Kb / 10P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
February 12, 2015
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH Datasheet
434Kb / 12P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM807-045MH INFINEON-IRSM807-045MH Datasheet
361Kb / 11P
   Half-Bridge Module For Small Appliance Motor Drive Applications
August 13, 2014
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM505-025 IRF-IRSM505-025_15 Datasheet
907Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com