Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330133AKB Datasheet(PDF) 5 Page - International Rectifier

Part # IRUH330133AKB
Description  Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330133AKB Datasheet(HTML) 5 Page - International Rectifier

  IRUH330133AKB Datasheet HTML 1Page - International Rectifier IRUH330133AKB Datasheet HTML 2Page - International Rectifier IRUH330133AKB Datasheet HTML 3Page - International Rectifier IRUH330133AKB Datasheet HTML 4Page - International Rectifier IRUH330133AKB Datasheet HTML 5Page - International Rectifier IRUH330133AKB Datasheet HTML 6Page - International Rectifier IRUH330133AKB Datasheet HTML 7Page - International Rectifier IRUH330133AKB Datasheet HTML 8Page - International Rectifier IRUH330133AKB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
IRUH3301A2AK
IRUH3301A2AP
Input Capacitance
Input bypass capacitors: Two (0.1
µF and 1µF) ceramics and two 100µF low ESR tantalums (AVX
TPS or equivalent), placed very close to the V
IN Pin are required for proper operation. When the
input voltage supply capacitance is more than 4 inches from the device, additional input
capacitance is recommended. Larger input capacitor values will improve ripple rejection further
improving the integrity of the output voltage.
Output Capacitance
Output bypass capacitors: Two (0.1µF and 1µF) ceramics and two 100µF low ESR tantalums
(AVX TPS or equivalent) are required for loop stability. Faster transient performance can be
achieved with multiple additional 1µF ceramic capacitors. Ceramic capacitors greater than 1µF in
value are not recommended as they can cause stability issues.
Tantalum capacitor values larger than the suggested value are recommended to improve the
transient response under large load current changes. The upper capacitance value limit is
governed by the delayed over-current latch function of the regulator and can be as much as
10,000µF without causing the device to latch-off during start-up.
General Layout Rules
Low impedance connections between the regulator output and load are essential. Solid power and
ground planes are highly recommended. In those cases where the board impedances are not kept
very small, oscillations can occur due to the effect of parasitic series resistance and inductance
on loop bandwidth and phase margin.
R1 must be directly conected to the V
OUT Pin using as short a trace as possible with the
connection inside the first bypass capacitor (see Fig. 2a). The trace from ADJ Pin to R1 should
be as short as possible.
Connect ceramic output capacitors directly across the V
OUT and GND Pins with as wide a trace as
design rules allow (see Fig. 2a). Avoid the use of vias for these capacitors and avoid loops. Fig.2
shows the ceramic capacitors tied directly to the regulator output.
Fig. 2a. Layer 1 conductor.
Ground plane below layer 1
Fig. 2b. Layer 1 silkscreen
The input capacitors should be connected as close a possible to the V
IN Pin.
Shutdown (SHDN)
The regulator can be shutdown by applying a voltage of >1.2V to the SHDN Pin. The regulator will
restart when the SHDN Pin is pulled below the shutdown threshold of 0.8V. If the remote shutdown
feature is not required, the SHDN Pin should be connected to GND.


Similar Part No. - IRUH330133AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330133AKB IRF-IRUH330133AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330133AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com