Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH3301A2AKB Datasheet(PDF) 4 Page - International Rectifier

Part # IRUH3301A2AKB
Description  Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH3301A2AKB Datasheet(HTML) 4 Page - International Rectifier

  IRUH3301A2AKB Datasheet HTML 1Page - International Rectifier IRUH3301A2AKB Datasheet HTML 2Page - International Rectifier IRUH3301A2AKB Datasheet HTML 3Page - International Rectifier IRUH3301A2AKB Datasheet HTML 4Page - International Rectifier IRUH3301A2AKB Datasheet HTML 5Page - International Rectifier IRUH3301A2AKB Datasheet HTML 6Page - International Rectifier IRUH3301A2AKB Datasheet HTML 7Page - International Rectifier IRUH3301A2AKB Datasheet HTML 8Page - International Rectifier IRUH3301A2AKB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
IRUH3301A2AK
IRUH3301A2AP
Application Information
Fig. 1. Typical Regulator Circuit; Note the SHDN Pin is hardwired in the “ON” position.
The ADJ Pin is connected as noted in the “General Layout Rules” section.
Over-Current & Over-Temperature Protection
The IRUH3301 series provides over-current protection by means of a timed latch function. Drive
current to the internal PNP pass transistor is limited by an internal resistor (Rb in Fig. 3) between
the base of the transistor and the control IC drive FET. If an over-current condition forces the
voltage across this resistor to exceed 0.5V (nom), the latch feature will be triggered. The time-to-
latch (t
LATCH) is nominally 10ms. If the over-current condition exists for less than tLATCH , the latch
will not be set. If the latch is set the drive current to the PNP pass transistor will be disabled. The
latch will remain set until one of the following actions occur:
1. The SHDN Pin voltage is brought above 1.2V and then lowered below 0.8V.
2. The V
IN Pin voltage is lowered below 1.7V.
If the junction temperature of the regulator IC exceeds 140°C nominal, the thermal shutdown circuit
will set the internal latch and disable the drive current to the PNP pass transistor as described
above. After the junction temperature falls below a nominal 125°C, the latch can be reset using
either of the actions described above.
Under-Voltage Lock-Out
The under-voltage lock-out (UVLO) function prevents operation when V
IN is less than 1.7V
(nominal). There is a nominal 100mV hysteresis about this point.
Input Voltage Range
The device control functions fully when V
IN is greater than 2.9V. The output current may need to be
reduced to avoid the activation of over current protection at 2.9V < V
IN < 3.8V. The IRUH3301A1 is
recommended for performance optimization when 2.9V < V
IN < 3.8V is required. The device enters
into under-voltage lock-out when V
IN < 1.7V (nominal). When 1.7V (nominal) < VIN < 2.9V, VOUT will
track V
IN and overshoot may occur. A larger output capacitor should be used to slow down the VOUT
rise rate for slow V
IN ramp applications.
Setting the Output Voltage
IRUH3301Axxx
0.1uF and 1uF
Ceramic;
Two 100uF
Low ESR
Tantalum
V
IN
GND
SHDN
ADJ
V
OUT
0.1uF and 1uF
Ceramic;
Two 100uF
Low ESR
Tantalum
Input
Voltage
Output
Voltage
R1
Choose R1 based upon the desired output voltage using the formula below.
=
499
*
1
800
.
0
1
V
V
R
OUT
Table 1 shows the closest nominal 0.1% tolerance R1 value to provide a given output voltage.
Table 1- Values of R1 for a Given Output Voltage
VOUT (V)
0.9
1.0
1.2
1.5
1.8
2.5
3.3
Nearest R1 Value (0.1%), (Ohms)
61.9
124
249
437
619
1060
1560


Similar Part No. - IRUH3301A2AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A2AKB IRF-IRUH3301A2AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH3301A2AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com