Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSX75MD35-1 Datasheet(PDF) 5 Page - C&D Technologies

Part # VSX75MD35-1
Description  75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VSX75MD35-1 Datasheet(HTML) 5 Page - C&D Technologies

  VSX75MD35-1 Datasheet HTML 1Page - C&D Technologies VSX75MD35-1 Datasheet HTML 2Page - C&D Technologies VSX75MD35-1 Datasheet HTML 3Page - C&D Technologies VSX75MD35-1 Datasheet HTML 4Page - C&D Technologies VSX75MD35-1 Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
VSX75MD35
REV B
5/02
Product: www.cdpowerelectronics.com
MECHANICAL
Dimensions are in inches (millimeters).
Tolerances:
x.xx in. + 0.02 in.
x.xxx in. +0.01 in.
Pinout Key
1
+Vin
2
On/Off
3-Vin
4
+3.3 Vout
5
O/P RTN
6
Trim
7
+5.0 Vout
.125 (3.18)
.125 (3.18)
.375 (9.53)
.000
.750
(19.05)
1
2
3
7
6
5
4
2.30
(58.42)
1.50
(38.10)
.50
(12.70)
.145
(3.68)
.150
(3.81)
2.000
(50.80)
1.200
(30.48)
.150
(3.81)
PIN 1
M3 THREAD
4 PLACES
0.051 (1.30)
7 PLACES
0.144 (3.66)
4 PLACES
RECOMMENDED PCB HOLE PATTERN
(VIEW OF PCB, THROUGH UNIT)
.600
(15.24)
.600
(15.24)
.350
(8.89)
0.040 (1.02) 7 PLACES
NOTES:
1. Marked with: specific model ordered, date
code, job code.
2. MATERIAL: Units are encapsulated in a low
thermal resistance molding compound which has
excellent chemical resistance and electrical
properties in high humidity environments and
over a wide operating temperature range. The
encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is solder plated
to allow ease of solderability.
3. IMPORTANT: When utilizing the PEM nuts for
board mounting, it is required to follow guidelines
in application note DCAN-40 available on the
web at www.cdpowerelectronics.com.
CASE OUTLINE
.375 (9.53)
.350
(8.89)
To Find Model Number
VSX75MD35 - 1 U
Device Family
VSX75MD35 (Quarter Brick, 75 Watt DC/DC)
Logic: No Number = Preferred Logic (Negative);
1 = Optional Logic (Positive)
Package
No Letter = Encapsulated; U = Unencapsulated
ORDERING INFORMATION
Model Numbers
VSX75MD35
VSX75MD35-U
VSX75MD35-1
VSX75MD35-1U
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising
from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose
and in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4160
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545


Similar Part No. - VSX75MD35-1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VSX75MD35-1C MURATA-PS-VSX75MD35-1C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35-1UC MURATA-PS-VSX75MD35-1UC Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
More results

Similar Description - VSX75MD35-1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
   50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
   60 Watt Dual Output Quarter Brick DC/DC Converter
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com