Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

456-480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 456-480
Description  T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

456-480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  456-480 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.100 [2.5mm]
F
Ø.045 [Ø1.1mm]
TYP.
T
F
H
REF.
0.134 [3.4mm]
TYP.
Ø.250 [Ø6.4mm]
TYP.
Ø.055 [Ø1.4mm] THRU
with Lead-In, both ends
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
2. MATERIAL: NYLON 6/6, 94V-2, WHITE. BIVAR MATERIAL CODE 04-WE.
BASF ULTRAMID NYLON 6/6 A3K WHITE.
TITLE:
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
T-1(3mm) & T-1 3/4(5mm)
MOLDED LED MOUNT
CAGE CODE : 32559
PART NO:
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
Michael Chen
02/28/03
D. Green
CHECKED:
DATE:
02/28/03
DECIMALS
.X
± .1
STANDARD TOLERANCE
.XX
± .01
.XXX
± .005
( UNLESS OTHERWISE SPECIFIED )
DESIGNED:
ANGULAR
± 1°
DATE:
E
45X-XXX
1
SHEET #
OF
1
®
REVISION:
Engineering Update w/o Changes
E
REV.
DESCRIPTION
APPROVED
02/23/04
DATE
M. C.
.210 (5.3)
.200 (5.1)
455 SERIES
.280 (7.1)
.290 (7.4)
.270 (6.9)
.260 (6.6)
.250 (6.4)
.240 (6.1)
.230 (5.8)
.350 (8.9)
.340 (8.6)
.330 (8.4)
.320 (8.1)
.310 (7.9)
.300 (7.6)
.220 (5.6)
458 SERIES
.720 (18.3)
.840 (21.3)
.820 (20.8)
.800 (20.3)
.780 (19.8)
.760 (19.3)
.740 (18.8)
.700 (17.8)
.880 (22.4)
.860 (21.8)
458-780
.590 (15.0)
457-590
.050 (1.3)
457-690
457-670
457-650
457-630
457-610
.060 (1.5)
.070 (1.8)
.080 (2.0)
.090 (2.3)
.100 (2.5)
.490 (12.4)
.610 (15.5)
.630 (16.0)
.650 (16.5)
.670 (17.0)
.690 (17.5)
458-840
458-820
458-800
458-880
458-860
PART NO.
450-140
450-200
450-190
450-180
450-170
450-160
450-150
457-570
457-550
457-530
457-510
457 SERIES
.040 (1.0)
.010 (.25)
.030 (.76)
.020 (.51)
T
H
.570 (14.5)
.510 (13.0)
.550 (14.0)
.530 (13.5)
PART NO.
F
458-760
458-740
458-720
458-700
.055 (1.4)
.060 (1.5)
.065 (1.7)
.070 (1.8)
.075 (1.9)
.080 (2.0)
.085 (2.2)
.140 (3.6)
.200 (5.1)
.190 (4.8)
.180 (4.6)
.170 (4.3)
.160 (4.1)
.150 (3.8)
455-290
455-310
455-320
455-330
455-340
455-350
455-300
PART NO.
450-060
450-050
450 SERIES
450-130
450-120
450-110
450-100
450-090
450-080
450-070
455-200
.050 (1.3)
.010 (.25)
.020 (.51)
.015 (.38)
.025 (.64)
.030 (.76)
.035 (.89)
.040 (1.0)
.045 (1.1)
.050 (1.3)
.060 (1.5)
.030(.76)
.130 (3.3)
.120 (3.0)
.110 (2.8)
.100 (2.5)
.090 (2.3)
.080 (2.0)
.070 (1.8)
455-210
455-230
455-240
455-250
455-260
455-270
455-280
455-220
T
H
PART NO.
F
.050 (1.3)
.050 (1.3)
459-980
.980 (24.9)
1.000 (25.4)
1.020 (25.9)
1.040 (26.4)
1.060 (26.9)
1.080 (27.4)
.080 (2.0)
.070 (1.8)
.060 (1.5)
.100 (2.5)
.090 (2.3)
.680 (17.3)
459-1080
459-1040
459-1060
459-1020
459-1000
.100 (2.5)
.080 (2.0)
.090 (2.3)
.060 (1.5)
.070 (1.8)
.880 (22.4)
H
.440 (11.2)
.480 (12.2)
.490 (12.4)
.500 (12.7)
.460 (11.7)
.470 (11.9)
.450 (11.4)
.960 (24.4)
.900 (22.9)
.940 (23.9)
.920 (23.4)
F
.020 (.51)
.040 (1.0)
.030 (.76)
.010 (.25)
T
H
PART NO.
459-900
459-960
459-940
459-920
459 SERIES
.100 (2.5)
.095 (2.4)
.090 (2.3)
.085 (2.2)
.080 (2.0)
.075 (1.9)
.070 (1.8)
456-440
456-480
456-490
456-500
456-460
456-470
456-450
.010 (.25)
.040 (1.0)
.030 (.76)
.020 (.51)
F
T
.070 (1.8)
.080 (2.0)
.085 (2.2)
.090 (2.3)
.095 (2.4)
.100 (2.5)
.075 (1.9)
H
.360 (9.1)
.350 (8.9)
.390 (9.9)
.400 (10.2)
.410 (10.4)
.420 (10.7)
.430 (10.9)
.380 (9.7)
.370 (9.4)
456-350
.025 (.64)
.030 (.76)
.065 (1.7)
.060 (1.5)
.055 (1.4)
.050 (1.3)
.045 (1.1)
.040 (1.0)
.035 (.89)
.150(3.8)
456-360
456-390
456-400
456-410
456-420
456-430
456-380
456-370
F
T
H
PART NO.
456 SERIES
.025 (.64)
.030 (.76)
.040 (1.0)
.045 (1.1)
.050 (1.3)
.055 (1.4)
.060 (1.5)
.065 (1.7)
.035 (.89)
.300(7.6)
F
T


Similar Part No. - 456-480

ManufacturerPart #DatasheetDescription
logo
Morse Mfg. Co., Inc.
456-1 MORSE-456-1 Datasheet
986Kb / 5P
   Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
456-1-50 MORSE-456-1-50 Datasheet
986Kb / 5P
   Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
456-3 MORSE-456-3 Datasheet
986Kb / 5P
   Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
456-3-50 MORSE-456-3-50 Datasheet
986Kb / 5P
   Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
456-3-575 MORSE-456-3-575 Datasheet
986Kb / 5P
   Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
More results

Similar Description - 456-480

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
LUMEX INC.
SSF-LXH305GD-TR LUMEX-SSF-LXH305GD-TR Datasheet
73Kb / 1P
   T-5mm (T-1 3/4) RIGHT ANGLE SURFACE MOUNT LED
logo
Everlight Electronics C...
EAILP03RDAB1 EVERLIGHT-EAILP03RDAB1 Datasheet
260Kb / 9P
   3mm Infrared LED,T-1 3/4
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com