Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G2803R3DEMA Datasheet(PDF) 11 Page - International Rectifier

Part # M3G2803R3DEMA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2803R3DEMA Datasheet(HTML) 11 Page - International Rectifier

Back Button M3G2803R3DEMA Datasheet HTML 7Page - International Rectifier M3G2803R3DEMA Datasheet HTML 8Page - International Rectifier M3G2803R3DEMA Datasheet HTML 9Page - International Rectifier M3G2803R3DEMA Datasheet HTML 10Page - International Rectifier M3G2803R3DEMA Datasheet HTML 11Page - International Rectifier M3G2803R3DEMA Datasheet HTML 12Page - International Rectifier M3G2803R3DEMA Datasheet HTML 13Page - International Rectifier M3G2803R3DEMA Datasheet HTML 14Page - International Rectifier M3G2803R3DEMA Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.irf.com
11
M3G-SERIES
(28V Input, Single/Dual Output)
B) Output Voltage Adjustment.
Adjustment of the output voltage requires the +Sense pin be connected in one of two ways as shown in
Figures 8 and 9 below. Use the equations and circuit configurations provided to calculate the required
resistance ( RADJ ) for the applicable voltage adjust range. The output adjustment is limited to 0 to +10%
range for reliable operation.
Fig 8. Configuration for Adjusting Single Output Voltage from +0.25V to +10%
Fig 9. Configuration for Adjusting Single Output Voltage from 0 to +0.25V
Single Output:
M3G
(single output)
13
10
12
9
+Out
-Sense
Out
Return
+Sense
Radj
M3G
(single output)
13
10
12
9
+Out
-Sense
Out
Return
+Sense
Radj


Similar Part No. - M3G2803R3DEMA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R305R4TCKA IRF-M3G2803R305R4TCKA Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4TCKC IRF-M3G2803R305R4TCKC Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4TEMA IRF-M3G2803R305R4TEMA Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G2803R3DEMA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com