Electronic Components Datasheet Search |
|
M3G5003R305TCKC Datasheet(PDF) 1 Page - International Rectifier |
|
M3G5003R305TCKC Datasheet(HTML) 1 Page - International Rectifier |
1 / 10 page 09/12/12 www.irf.com 1 M3G-SERIES Description n Total Dose > 200 krad(Si), typically usable to > 300 krad(Si) n SEE Hardened up to 82 MeV.cm2/mg n Low Weight, < 110 grams n Low Input & Output Noise n Magnetically Coupled Feedback n 38V to 60V DC Input Range n Up to 40W Output Power n Triple Output Models Include +5V and ±12V or ±15V n Main Output Isolated from Dual Outputs n High Efficiency - to 80% n -55°C to +125°C Operating Temperature Range n 100MΩ @ 500VDC Isolation n Under-Voltage Lockout n Synchronization Input and Output n Short Circuit and Overload Protection n Output Over Voltage Limiter n External Inhibit n 5,000,000 Hour MTBF Features 50V Input, Triple Output Applications n Geostationary Earth Orbit Satellites (GEO) Non-flight versions of the M3G-Series converters are available for system development purposes. Variations in electrical specifications and screening to meet custom requirements can be accommodated. The M3G-Series of DC-DC converters are radiation hardened, high reliability converters designed for extended operation in hostile environments. Their small size and low weight make them ideal for applications such as geostationary earth orbit satellites and deep space probes. They exhibit a high tolerance to total ionizing dose, single event effects and environmental stresses such as temperature extremes, mechanical shock, and vibration. n Deep Space Satellites / Probes n Strategic Weapons and Communication Systems The converters incorporate a fixed frequency single ended forward topology with magnetic feedback and an internal EMI filter that utilizes multilayer ceramic capacitors that are subjected to extensive lot screening for optimum reliability. These converters are capable of meeting the conducted emissions and conducted susceptibility requirements of MIL-STD-461C without additional components. External inhibit and synchronization input and output allow these converters to be easily incorporated into larger power systems. They are enclosed in a hermetic 3" x 2" x 0.475" package constructed of an Aluminum-Silicon-Carbide (AlSiC) base and an Alloy 48 ring frame and they weigh less than 110 grams. The package utilizes rugged ceramic feed-through copper core pins and is sealed using parallel seam welding. HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER Manufactured in a facility fully qualified to MIL-PRF- 38534, these converters are fabricated utilizing DLA Land and Maritime qualified processes. For available screening options, refer to device screening table in the data sheet. M3G PD-94559M |
Similar Part No. - M3G5003R305TCKC |
|
Similar Description - M3G5003R305TCKC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |