Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G501505TCKC Datasheet(PDF) 9 Page - International Rectifier

Part # M3G501505TCKC
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G501505TCKC Datasheet(HTML) 9 Page - International Rectifier

Back Button M3G501505TCKC Datasheet HTML 2Page - International Rectifier M3G501505TCKC Datasheet HTML 3Page - International Rectifier M3G501505TCKC Datasheet HTML 4Page - International Rectifier M3G501505TCKC Datasheet HTML 5Page - International Rectifier M3G501505TCKC Datasheet HTML 6Page - International Rectifier M3G501505TCKC Datasheet HTML 7Page - International Rectifier M3G501505TCKC Datasheet HTML 8Page - International Rectifier M3G501505TCKC Datasheet HTML 9Page - International Rectifier M3G501505TCKC Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
M3G-SERIES
(50V Input, Triple Output)
Mechanical Diagram
Pin Designation (Triple)
Pin #
Designation
Pin #
Designation
1
+ Input
8
NC
2
Input Return
9
NC
3
Inhibit
10
Case Ground
4
Sync. Input
11
- Aux. Output
5
Sync. Output
12
Aux. Output Return
6
Main Return
13
+Aux. Output
7
+ Main Output
3.055 MAX.
0.500
2.00
0.45
1.10
2.500
2.30
0.200 Typ.
Non-
cum.
0.30
1.400
Ref.
3.50
Ref.
0.475
MAX.
0.080
Max.
0.260
Pin
Ø0.040
R0.0625
4 places
0.50
0.60
0.20
Tolerance : .XX
±0.01
.XXX ±0.005
1
2
3
4
5
12
13
11
10
9
8
7
6
0.25
2.055
MAX.
FLANGE DETAIL
0.40
0.25
0.14
R0
.06
25


Similar Part No. - M3G501505TCKC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5015D IRF-M3G5015D Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5015S IRF-M3G5015S Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G501505TCKC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com