Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P769-A-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P769-A-PM
Description  3~rectifier,BRC,Inverter, NTC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P769-A-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-P769-A-PM Datasheet HTML 1Page - Vincotech V23990-P769-A-PM Datasheet HTML 2Page - Vincotech V23990-P769-A-PM Datasheet HTML 3Page - Vincotech V23990-P769-A-PM Datasheet HTML 4Page - Vincotech V23990-P769-A-PM Datasheet HTML 5Page - Vincotech V23990-P769-A-PM Datasheet HTML 6Page - Vincotech V23990-P769-A-PM Datasheet HTML 7Page - Vincotech V23990-P769-A-PM Datasheet HTML 8Page - Vincotech V23990-P769-A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
V23990-P769-A-PM
prel datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Inverter Diode
Th=80°C
73
Tc=80°C
97
Th=80°C
135
Tc=80°C
205
BRC Transistor
Th=80°C
58
Tc=80°C
74
Th=80°C
155
Tc=80°C
235
tSC
Tj≤150°C
10
μs
VCC
VGE=15V
900
V
BRC Inverse Diode
Th=80°C
16
Tc=80°C
16
Th=80°C
50
Tc=80°C
75
BRC Diode
Th=80°C
35
Tc=80°C
40
Th=80°C
75
Tc=80°C
114
Thermal properties
50
1200
175
1200
±20
150
1200
150
Tj=Tjmax
VRRM
Peak Repetitive Reverse Voltage
Tj=25°C
Maximum Junction Temperature
Tjmax
Ptot
BRC Inverse Diode
Collector-emitter break down voltage
Ptot
ICpuls
175
VGE
Tj=Tjmax
tp limited by Tjmax
Tjmax
DC collector current
VCE
V
A
V
°C
W
A
Tc=25°C
VRRM
Repetitive peak collector current
Gate-emitter peak voltage
Maximum Junction Temperature
Short circuit ratings
Power dissipation per IGBT
Peak Repetitive Reverse Voltage
175
Maximum Junction Temperature
°C
VRRM
V
1200
Repetitive peak forward current
IFRM
A
A
Tj=Tjmax
IF
DC forward current
tp limited by Tjmax
20
W
A
W
V
°C
V
A
Power dissipation per Diode
Ptot
Tj=Tjmax
Tj=Tjmax
DC forward current
IF
Repetitive peak forward current
IFRM
tp limited by Tjmax
Tj=Tjmax
IC
IFRM
Tjmax
Repetitive peak forward current
Tj=25°C
Peak Repetitive Reverse Voltage
W
Power dissipation per Diode
Ptot
DC forward current
A
Tj=Tjmax
tp limited by Tjmax
A
IF
Tj=Tjmax
°C
Maximum Junction Temperature
Tjmax
175
-40…+Tjmax-25
°C
Storage temperature
Tstg
-40…+125
°C
Top
Operation temperature under switching condition
copyright Vincotech
2
Revision: 1


Similar Part No. - V23990-P769-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P769-A-P1-19 VINCOTECH-V23990-P769-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-P769-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P765-A-D3-14 VINCOTECH-V23990-P765-A-D3-14 Datasheet
517Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-D5-14 VINCOTECH-V23990-P769-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P760-A60-PM VINCOTECH-V23990-P760-A60-PM Datasheet
1Mb / 16P
   3~rectifier,BRC,Inverter, NTC
V23990-P767-A-D3-14 VINCOTECH-V23990-P767-A-D3-14 Datasheet
527Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D4-14 VINCOTECH-V23990-P763-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D4-14 VINCOTECH-V23990-P764-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A-D5-14 VINCOTECH-V23990-P768-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D3-14 VINCOTECH-V23990-P763-A-D3-14 Datasheet
515Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D3-14 VINCOTECH-V23990-P764-A-D3-14 Datasheet
510Kb / 24P
   3~rectifier,BRC,Inverter, NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com