Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G500515TCKC Datasheet(PDF) 5 Page - International Rectifier

Part # M3G500515TCKC
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G500515TCKC Datasheet(HTML) 5 Page - International Rectifier

  M3G500515TCKC Datasheet HTML 1Page - International Rectifier M3G500515TCKC Datasheet HTML 2Page - International Rectifier M3G500515TCKC Datasheet HTML 3Page - International Rectifier M3G500515TCKC Datasheet HTML 4Page - International Rectifier M3G500515TCKC Datasheet HTML 5Page - International Rectifier M3G500515TCKC Datasheet HTML 6Page - International Rectifier M3G500515TCKC Datasheet HTML 7Page - International Rectifier M3G500515TCKC Datasheet HTML 8Page - International Rectifier M3G500515TCKC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.irf.com
5
M3G-SERIES
(50V Input, Triple Output)
Electrical Performance Characteristics ( continued )
Notes: Electrical Performance Characteristics
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Turn-on Response
Overshoot (VOS)
(main)
M3G500512T (aux.)
M3G500515T (aux.)
Turn-on Delay (TDLY)
4, 5, 6
No Load, Full Load
Notes 5,12
1.0
500
750
1000
5.0
mV
ms
Capacitive Load (CL)
(main)
(Each aux. output)
IOUT = 100% rated load, No effect on DC
performance, Notes 1, 5, 7
1000
200
µF
Line Rejection
IOUT = 100% rated load
DC to 50KHz, Notes 1, 5
40
60
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 10, test @ 500VDC
100
M
Device Weight
110
g
MTBF
MIL-HDBK-217F2, SF, 35ºC
5 x 10
6
Hrs
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be guaranteed to
the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Although operation with no load is permissible, light loading on the main (+5 volt) output may cause the output voltage of the
auxiliary outputs(±12 volt or ±15 volt) to drop out of regulation. It is therefore recommended that at least 200 mA or 20 percent of
the total output power, whichever is greater, be taken from the main (+5 volt) output.
4.
Although operation with no load is permissible, heavy loading on the main (+5 volt) output may cause the output voltage of the
auxiliary outputs(±12 volt or ±15 volt) to rise out of regulation. It is therefore recommended that at least 50 mA or 20 percent of
the total output power, whichever is greater, be taken from the auxiliary (±12 volt or ±15 volt) outputs.
5.
Unless otherwise specified, “Rated” load is 20W on the main (+5 volt) output and 10 watts each on the auxiliary (±12 volt or
±15 volt) outputs. Load currents of up to 5A and ±1A on the main and auxiliary outputs respectively are acceptable as long as
the total output power does not to exceed 40 watts.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
8.
A capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s overload protection,
causing erratic behavior during turn-on.
9.
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT = 90% of nominal.
10.
Load step transition time
³ 10 µs.
11.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of its steady state value.
12.
Line step transition time
³ 100 µs.
13.
Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin(pin3 to
the point where V
OUT = 90% of nominal.
14.
Load is varied for output under test while the remaining outputs are loaded at 50% of rated. Regulation relative to output voltage
at 50% rated load.
15.
Although operation at temperatures between +85°C and +125°C is guaranteed, no parametric limits are
specified.


Similar Part No. - M3G500515TCKC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G500515T IRF-M3G500515T Datasheet
355Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G500515TCKC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com