Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P840-C4X-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P840-C4X-PM
Description  Output Inverter Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P840-C4X-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-P840-C4X-PM Datasheet HTML 1Page - Vincotech V23990-P840-C4X-PM Datasheet HTML 2Page - Vincotech V23990-P840-C4X-PM Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V23990-P840-A4x/C4x-PM
preliminary datasheet
Figure 5
Phase
Figure 6
Phase
Typical available 50Hz output current
Typical available 50Hz output current
as a function Mi*cosfi
Iout = f(Mi*cosfi)
as a function of switching frequency
Iout = f(fsw)
Tj =
125
°C
Tj =
125
°C
DC link =
600
V
DC link =
600
V
fsw =
4
kHz
Mi*cosfi =
0,8
Th from 60 °C to 100 °C in steps of 5 °C
Th from 60 °C to 100 °C in steps of 5 °C
Figure 7
Phase
Figure 8
Phase
Typical available 50Hz output current as a function of
Typical available 0Hz output current as a function
Mi*cosfi and switching frequency
Iout = f(fsw, Mi*cosfi)
of switching frequency
Ioutpeak = f(fsw)
Tj =
125
°C
Tj =
125
°C
DC link =
600
V
DC link =
600
V
Th =
80
°C
Th from 60 °C to 100 °C in steps of 5 °C
Output Inverter Application
Th=60°C
Th=100°C
0
5
10
15
20
25
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
Mi*cosfi
Th=60°C
Th=100°C
0
5
10
15
20
25
1
10
100
fsw (kHz)
1248
16
32
-1,00
-0,80
-0,60
-0,40
-0,20
0,00
0,20
0,40
0,60
0,80
1,00
Iout (A)
20,0-22,0
18,0-20,0
16,0-18,0
14,0-16,0
12,0-14,0
10,0-12,0
8,0-10,0
6,0-8,0
fsw
Th=60°C
Th=100°C
0
5
10
15
20
25
1
10
100
fsw (kHz)
copyright Tyco Electronics
23
Revision: 1
Copyright by Vincotech
Revision: 1


Similar Part No. - V23990-P840-C4X-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P840-C48 VINCOTECH-V23990-P840-C48 Datasheet
1Mb / 20P
   2 Clips housing in 12 and 17mm height
V23990-P840-C49 VINCOTECH-V23990-P840-C49 Datasheet
1Mb / 20P
   2 Clips housing in 12 and 17mm height
More results

Similar Description - V23990-P840-C4X-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-P849-X5X-P2-19 VINCOTECH-V23990-P849-X5X-P2-19 Datasheet
63Kb / 4P
   Output Inverter Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com