Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P840-PM Datasheet(PDF) 4 Page - Vincotech

Part # V23990-P840-PM
Description  2 Clips housing in 12 and 17mm height
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P840-PM Datasheet(HTML) 4 Page - Vincotech

  V23990-P840-PM Datasheet HTML 1Page - Vincotech V23990-P840-PM Datasheet HTML 2Page - Vincotech V23990-P840-PM Datasheet HTML 3Page - Vincotech V23990-P840-PM Datasheet HTML 4Page - Vincotech V23990-P840-PM Datasheet HTML 5Page - Vincotech V23990-P840-PM Datasheet HTML 6Page - Vincotech V23990-P840-PM Datasheet HTML 7Page - Vincotech V23990-P840-PM Datasheet HTML 8Page - Vincotech V23990-P840-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
V23990-P840-A48/A49/C48/C49-PM
preliminary datasheet
Parameter
Symbol
Unit
VGE(V) or
VGS(V)
Vr(V) or
VCE(V) or
VDS(V)
IC(A) or IF(A)
or ID(A)
T(°C)
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
5
5,8
6,5
Tj=125°C
Tj=25°C
1,6
1,87
2,1
Tj=125°C
2,22
Tj=25°C
0,05
Tj=125°C
Tj=25°C
200
Tj=125°C
none
Tj=25°C
Tj=125°C
72
Tj=25°C
Tj=125°C
24
Tj=25°C
Tj=125°C
228
Tj=25°C
Tj=125°C
104
Tj=25°C
Tj=125°C
0,71
Tj=25°C
Tj=125°C
0,62
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
2,36
K/W
Tj=25°C
0,8
1,67
2,2
Tj=125°C
1,61
15
f=1MHz
0
Rgoff=32Ohm
Rgon=32Ohm
VF
nC
Diode forward voltage
±15
8
Vcc=960V
mWs
mWs
7,5
pF
pF
pF
V
Reverse transfer capacitance
Gate charge
Coss
Crss
QGate
V
mA
nA
ns
Cies
Eon
Eoff
Rgint
td(on)
tr
td(off)
tf
Turn-on delay time
Integrated Gate resistor
Turn-off energy loss per pulse
Input capacitance
Output capacitance
Rise time
Turn-off delay time
Fall time
Turn-on energy loss per pulse
Gate emitter threshold voltage
Collector-emitter saturation voltage
VGE(th)
VCE(sat)
Collector-emitter cut-off
Gate-emitter leakage current
ICES
IGES
ns
ns
V
ns
600
8
25
Diode BRC
Transistor BRC
VCE=VGE
0,0003
0
1200
8
20
0
50
490
50
30
Tj=25°C
Tj=25°C
Tj=125°C
1,61
Tj=25°C
250
Tj=125°C
Tj=25°C
Tj=125°C
10
Tj=25°C
Tj=125°C
427
Tj=25°C
Tj=125°C
1,64
di(rec)max
Tj=25°C
/dt
Tj=125°C
73
Tj=25°C
Tj=125°C
0,69
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
3,15
K/W
R25
Tol. ±13%
Tj=25°C
19,1
22
24,9
R100
Tol. ±5%
Tj=100°C
1411
1486
1560
Tj=25°C
210
Tj=25°C
4000
Reverse recovery time
Reverse recovered charge
Reverse recovery energy
VF
Ir
trr
Qrr
Erec
Peak reverse recovery current
Diode forward voltage
Reverse leakage current
7,5
1200
V
mA
A/ms
A
IRRM
Peak rate of fall of recovery current
B-value
B(25/100)
K
Power dissipation given Epcos-Typ
P
mW
Rated resistance
k
Thermistor
ns
15
600
8
mWs
mC
Tol. ±3%
Rgon=32Ohm
copyright Vincotech
4
Revision: 2


Similar Part No. - V23990-P840-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P840-A4X VINCOTECH-V23990-P840-A4X Datasheet
86Kb / 3P
   Output Inverter Application
V23990-P840-A58-PM VINCOTECH-V23990-P840-A58-PM Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P840-A58-PM VINCOTECH-V23990-P840-A58-PM Datasheet
61Kb / 4P
   Output Inverter Application
V23990-P840-A59-PM VINCOTECH-V23990-P840-A59-PM Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P840-A59-PM VINCOTECH-V23990-P840-A59-PM Datasheet
61Kb / 4P
   Output Inverter Application
More results

Similar Description - V23990-P840-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Winchester Electronics ...
RM7W7S-1002 WINCHESTER-RM7W7S-1002 Datasheet
46Kb / 1P
   7W7SD-SUB HOUSING WITH GROUNDING CLIPS
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com