Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P840-C58-PM Datasheet(PDF) 3 Page - Vincotech

Part # V23990-P840-C58-PM
Description  Output Inverter Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P840-C58-PM Datasheet(HTML) 3 Page - Vincotech

  V23990-P840-C58-PM Datasheet HTML 1Page - Vincotech V23990-P840-C58-PM Datasheet HTML 2Page - Vincotech V23990-P840-C58-PM Datasheet HTML 3Page - Vincotech V23990-P840-C58-PM Datasheet HTML 4Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V23990-P840-A58/A59/C58/C59-PM
preliminary datasheet
Figure 9
Inverter
Figure 10
Inverter
Typical available peak output power as a function of
Typical efficiency as a function of output power
heatsink temperature
Pout=f(Th)
efficiency=f(Pout)
Tj =
125
°C
Tj =
125
°C
DC link =
600
V
DC link =
600
V
Mi =
1
Mi =
1
cosfi =
0,80
cosfi =
0,80
fsw from 2 kHz to 16 kHz in 2 steps
fsw from 2 kHz to 16 kHz in 2 steps
Figure 11
Inverter
Typical available overload factor as a function of
motor power and switching frequency
Ppeak / Pnom=f(Pnom,fsw)
At
Tj =
125
°C
DC link =
600
V
Mi =
1
cosfi =
0,8
fsw from 1 kHz to 16 kHz in 2 steps
Th =
90
°C
Motor eff = 0,85
Output Inverter Application
2kHz
16kHz
0,0
2,0
4,0
6,0
8,0
10,0
12,0
60
65
70
75
80
85
90
95
100
Th (
o C)
2kHz
16kHz
94,0
95,0
96,0
97,0
98,0
99,0
100,0
0,0
2,0
4,0
6,0
8,0
10,0
12,0
14,0
16,0
Pout (kW)
100
150
200
250
300
350
400
Motor nominal power (HP/kW)
1
1123
749
562
374
225
150
2
1123
749
562
374
225
150
4
1123
749
562
374
225
150
8
1047
698
523
349
209
140
16
823
549
412
274
165
0
1,00 / 0,74
1,50 / 1,10
2,00 / 1,47
3,00 / 2,21
5,00 / 3,68
7,50 / 5,52
copyright Vincotech
3
Revision: 2


Similar Part No. - V23990-P840-C58-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P840-C58-PM VINCOTECH-V23990-P840-C58-PM Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
More results

Similar Description - V23990-P840-C58-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-P840-X4X-P1-19 VINCOTECH-V23990-P840-X4X-P1-19 Datasheet
86Kb / 3P
   Output Inverter Application
V23990-P849-X5X-P2-19 VINCOTECH-V23990-P849-X5X-P2-19 Datasheet
63Kb / 4P
   Output Inverter Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com