Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P848-X5X-P1-14 Datasheet(PDF) 9 Page - Vincotech

Part # V23990-P848-X5X-P1-14
Description  Industrial Drives Embedded Generation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P848-X5X-P1-14 Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-P848-X5X-P1-14 Datasheet HTML 5Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 6Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 7Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 8Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 9Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 10Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 11Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 12Page - Vincotech V23990-P848-X5X-P1-14 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
V23990-P848-A58/A59/C58/C59-PM
preliminary datasheet
Figure 17
Output inverter FRED
Figure 18
Output inverter FRED
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
4
A
Rgon =
64
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FRED
IGBT transient thermal impedance
FRED transient thermal impedance
Output Inverter
dI0/dt
dIrec/dt
0
300
600
900
1200
1500
0
60
120
180
240
300
RGon (Ω)
dI
0/dt
dI
rec/dt
0
50
100
150
200
250
0
2
4
6
8
IC (A)
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
2,51
K/W
RthJH =
2,56
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,05
6,2E+00
0,12
2,8E+00
0,26
4,9E-01
0,62
2,1E-01
0,85
8,6E-02
1,10
4,8E-02
0,64
1,3E-02
0,37
7,2E-03
0,38
2,2E-03
0,35
8,8E-04
0,33
3,4E-04
tp (s)
101
100
10-1
10-2
10-4
10-3
10-2
10-1
100
101
102
10-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
tp (s)
101
100
10-1
10-2
10-4
10-3
10-2
10-1
100
101
102
10-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
copyright Vincotech
9
Revision: 1


Similar Part No. - V23990-P848-X5X-P1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P848-X5X-P1-19 VINCOTECH-V23990-P848-X5X-P1-19 Datasheet
60Kb / 4P
   Output Inverter Application
More results

Similar Description - V23990-P848-X5X-P1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P840-X5X-P2-14 VINCOTECH-V23990-P840-X5X-P2-14 Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P848-X4X-P1-14 VINCOTECH-V23990-P848-X4X-P1-14 Datasheet
1Mb / 22P
   Industrial Drives Embedded Generation
V23990-P849-X4X-P2-14 VINCOTECH-V23990-P849-X4X-P2-14 Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P849-X5X-P2-14 VINCOTECH-V23990-P849-X5X-P2-14 Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com