Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P849-X4X-P2-14 Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P849-X4X-P2-14
Description  Industrial Drives Embedded Generation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P849-X4X-P2-14 Datasheet(HTML) 2 Page - Vincotech

  V23990-P849-X4X-P2-14 Datasheet HTML 1Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 2Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 3Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 4Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 5Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 6Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 7Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 8Page - Vincotech V23990-P849-X4X-P2-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
V23990-P849-A48/A49/C49/C49-PM
preliminary datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Condition
Maximum Ratings
Diode Inverter
T
h=80°C
16
Tc=80°C
Repetitive peak forward current
IFRM
tp limited by Tjmax
20
A
T
h=80°C
36
Tc=80°C
Maximum Junction Temperature
Tjmax
175
°C
Transistor BRC
Collector-emitter voltage
VCE
1200
V
T
h=80°C
8
Tc=80°C
Repetitive peak collector current
Icpuls
tp limited by Tjmax
T
h=80°C
12
A
T
h=80°C
32
Tc=80°C
Gate-emitter peak voltage
VGE
±20
V
tSC
Tj≤150°C
10
µs
VCC
VGE=15V
800
V
Maximum Junction Temperature
Tjmax
175
°C
W
A
Power dissipation per IGBT
DC forward current
IF
Tj=Tjmax
IC
Ptot
Tj=Tjmax
Short circuit ratings
DC collector current
V
Power dissipation per Diode
Ptot
W
Tj=Tjmax
VRRM
Peak Repetitive Reverse Voltage
A
Tj=Tjmax
1200
Diode BRC
VRRM
1200
V
T
h=80°C
7
Tc=80°C
Repetitive peak forward current
IFRM
tp limited by Tjmax
T
h=80°C
6
A
T
h=80°C
18
Tc=80°C
Maximum Junction Temperature
Tjmax
150
°C
Thermal properties
Storage temperature
Tstg
-40…+125
°C
Operation temperature
Tjop
-40…+125
°C
Insulation properties
Insulation voltage
Vis
t=2s
DC voltage
4000
V
Creepage distance
min 12,7
mm
min 12,7
mm
W
A
Tj=Tjmax
Power dissipation per Diode
Ptot
Tj=Tjmax
DC forward current
IF
Peak Repetitive Reverse Voltage
Clearance
copyright Vincotech
2
Revision: 2


Similar Part No. - V23990-P849-X4X-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P849-X4X-P2-19 VINCOTECH-V23990-P849-X4X-P2-19 Datasheet
59Kb / 4P
   Output Inverter Application
More results

Similar Description - V23990-P849-X4X-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P840-X5X-P2-14 VINCOTECH-V23990-P840-X5X-P2-14 Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P848-X5X-P1-14 VINCOTECH-V23990-P848-X5X-P1-14 Datasheet
1Mb / 22P
   Industrial Drives Embedded Generation
V23990-P848-X4X-P1-14 VINCOTECH-V23990-P848-X4X-P1-14 Datasheet
1Mb / 22P
   Industrial Drives Embedded Generation
V23990-P849-X5X-P2-14 VINCOTECH-V23990-P849-X5X-P2-14 Datasheet
1Mb / 20P
   Industrial Drives Embedded Generation
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com