Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H2812S Datasheet(PDF) 2 Page - International Rectifier

Part # M3H2812S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2812S Datasheet(HTML) 2 Page - International Rectifier

  M3H2812S Datasheet HTML 1Page - International Rectifier M3H2812S Datasheet HTML 2Page - International Rectifier M3H2812S Datasheet HTML 3Page - International Rectifier M3H2812S Datasheet HTML 4Page - International Rectifier M3H2812S Datasheet HTML 5Page - International Rectifier M3H2812S Datasheet HTML 6Page - International Rectifier M3H2812S Datasheet HTML 7Page - International Rectifier M3H2812S Datasheet HTML 8Page - International Rectifier M3H2812S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
M3H-SERIES
The M3H-Series converters utilize a single forward
topology with resonant reset. The nominal switching
frequency is 500kHz. Electrical isolation and tight
output regulation are achieved through the use of a
magnetically coupled feedback. Voltage feed-forward
provides high line rejection.
Circuit Description
An internal EMI filter allows the converter to meet the
conducted emissions requirements of MIL-STD-461C
on the input power leads. A two-stage output filter
reduces the typical output ripple to less than 20mV
peak-to-peak.
Output current is limited under any load fault condition
to approximately 125% of rated. An overload
condition causes the converter output to behave like
a constant current source with the output voltage
dropping below nominal. The converter will resume
normal operation when the load current is reduced
below the current limit point. This protects the
converter from both overload and short circuit
conditions. The current limit point exhibits a slightly
negative temperature coefficient to reduce the
possibility of thermal runaway.
An under-voltage lockout circuit prohibits the
converter from operating when the line voltage is too
low to maintain the output voltage. The converter will
not start until the line voltage rises to approximately
17 volts and will shut down when the input voltage
drops below 16 volts. The one volt of hysteresis
reduces the possibility of line noise interfering with
the converter’s start-up and shut down.
An external inhibit port is provided to control converter
operation. The converter’s operation is inhibited
when this pin is pulled low. It is intended to be driven
by an open collector logic device. The pin may be
left open for normal operation and has a nominal
open circuit voltage of 10.5V with respect to the input
return (pin 2).
Single output models feature remote sense to
automatically correct for voltage drops between the
converter output anf the load. The output voltage of
dual output models can be adjusted using a single
external resistor.
Design Methodology
The M3H-Series was developed using a proven
conservative design methodology which includes
selecting radiation tolerant and established reliability
components and fully derating to the requirements
of MIL-STD-975 and MIL-STD-1547. Heavy derating
of the power MOSFET gate and drain voltages
minimize the possibility of SEGR and SEB. A
magnetic feedback circuit is utilized instead of opto-
couplers to minimize temperature, radiation and
aging sensitivity. PSPICE was used extensively to
predict and optimize circuit performance for both
beginning and end-of-life. Thorough design
analyses include Radiation Susceptibility ( TREE ),
Stress, Thermal, and Reliability ( MTBF ).


Similar Part No. - M3H2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2812S IRF-M3H2812S Datasheet
343Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3H2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com