Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H2815S Datasheet(PDF) 1 Page - International Rectifier

Part # M3H2815S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2815S Datasheet(HTML) 1 Page - International Rectifier

  M3H2815S Datasheet HTML 1Page - International Rectifier M3H2815S Datasheet HTML 2Page - International Rectifier M3H2815S Datasheet HTML 3Page - International Rectifier M3H2815S Datasheet HTML 4Page - International Rectifier M3H2815S Datasheet HTML 5Page - International Rectifier M3H2815S Datasheet HTML 6Page - International Rectifier M3H2815S Datasheet HTML 7Page - International Rectifier M3H2815S Datasheet HTML 8Page - International Rectifier M3H2815S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
09/8/06
www.irf.com
1
HYBRID - HIGH RELIABILITY
RADIATION TOLERANT
DC/DC CONVERTER
M3H-SERIES
Description
n Total Dose > 25K Rad(Si)
n SEE Hardened to LET up to 37 MeV.cm2/mg
n Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03 and CS01
n Low Weight, < 125 grams
n Magnetically Coupled Feedback
n 18V to 50V Input Range ( 50V, 70V, and
120V Models Available)
n Up to 40W Output Power
n Single and Dual Output Models Include
3.3, 5, 5.2, 12, 15,
±5, ±12, ±15V
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100M@ 500VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Adjustable Output Voltage
n External Inhibit
n 1,500,000 Hour MTBF
Features
+28V Input, Single/Dual Output
The M3H-Series of DC/DC converters are radiation
tolerant, high reliability devices designed for moderate
radiation environments such as those encountered by
low earth orbit satellites and launch vehicles. For higher
radiation environments, the M3G-Series of DC/DC
converters is recommended. System upgrades to higher
radiation tolerance applications can be easily
accommodated with the M3G-Series converters because
they have the same mechanical outline and are pin
compatible. For physically smaller, lower output power
single and dual output applications the M3L-Series of
DC/DC converters are recommended. Features of the
M3H-Series include up to 40 watt output power, small
size, low weight and a high tolerance to total ionizing
dose, single event effects and environmental stresses
such as temperature extremes, mechanical shock, and
vibration. All components are fully derated to meet the
requirements of MIL-STD-975 and MIL-STD-1547.
Extensive documentation including Radiation
Susceptibility, Thermal Analysis, Stress Analysis and
MTBF are available.
The converters incorporate a fixed frequency single
forward topology with magnetic feedback and an internal
EMI filter. These converters are capable of meeting the
conducted emissions and conducted susceptibility
requirements of MIL-STD-461C without any additional
components. All models include an external inhibit port
and have an adjustable output voltage. They are
enclosed in a hermetic 3.0" x 2.5" x 0.445" steel package
and weigh less than 125 grams. The package utilizes
rugged ceramic feed-through copper core pins and is
sealed using parallel seam welding.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Applications
n Low Earth Orbit Satellites (LEO)
n Launch Vehicles
Non-flight versions of the M3H-Series converters
are available for system development purposes.
Variations in electrical specifications and
screening to meet custom requirements can be
accommodated. Consult IR Santa Clara for special
requirements.
M3H
PD-94437D


Similar Part No. - M3H2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2815S IRF-M3H2815S Datasheet
343Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3H2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com