Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G500515TCKA Datasheet(PDF) 4 Page - International Rectifier

Part # M3G500515TCKA
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G500515TCKA Datasheet(HTML) 4 Page - International Rectifier

  M3G500515TCKA Datasheet HTML 1Page - International Rectifier M3G500515TCKA Datasheet HTML 2Page - International Rectifier M3G500515TCKA Datasheet HTML 3Page - International Rectifier M3G500515TCKA Datasheet HTML 4Page - International Rectifier M3G500515TCKA Datasheet HTML 5Page - International Rectifier M3G500515TCKA Datasheet HTML 6Page - International Rectifier M3G500515TCKA Datasheet HTML 7Page - International Rectifier M3G500515TCKA Datasheet HTML 8Page - International Rectifier M3G500515TCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com
M3G-SERIES
(50V Input, Triple Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characterstics Table, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55°C
≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input current ( IIN )
1, 2, 3
IOUT = 0, Pin 3 open
80
Pin 3 shorted to pin 2
5.0
mA
Output ripple ( VRIP )
(main)
M3G500512T (aux.)
M3G500515T (aux.)
1, 2, 3
VIN = 38, 50, 60 Volts
IOUT = 100% rated load, Notes 5, 6
25
30
30
50
60
75
mV p-p
Switching frequency ( FS )
1, 2, 3
Sync. Input (Pin 4) open
450
500
550
KHz
Efficiency ( Eff)
1, 2, 3
IOUT = 100% rated load
Note 5
75
79
%
Inhibit Input
open circuit voltage
drive current ( sink )
voltage range
Note 1
3.0
-0.5
5.0
100
50
V
µA
V
Synchronization Input
frequency range
pulse high level
pulse low level
pulse transition time
pulse duty cycle
Ext. Clock on Sync. Input (Pin 4)
Note 1
450
4.0
-0.5
40
20
600
10
0.5
80
KHz
V
V
V/
µs
%
Current Limit Point
Expressed as a percentage
of full rated output power
1, 2, 3
Vout = 90% of Nominal, Note 5
135
%
Power dissipation, load fault (PD)
1, 2, 3
Short Circuit, Overload, Note 8
20
W
Output response to
step load changes (VTLD)
4, 5, 6
Half Load to/from Full Load, Notes 5,9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4, 5, 6
Half Load to/from Full Load, Note 5,9,10
100
µs
Output response to
step line changes (VTLN)
18V to/from 50V
IOUT = 100% rated load, Notes 1,5,11
-300
300
mV pk
Recovery time,
step line changes (TTLN)
18V to/from 50V
IOUT = 100% rated load, Notes 1,5,10,11
100
µs


Similar Part No. - M3G500515TCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G500515T IRF-M3G500515T Datasheet
355Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G500515TCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com