Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G501215TCKA Datasheet(PDF) 6 Page - International Rectifier

Part # M3G501215TCKA
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G501215TCKA Datasheet(HTML) 6 Page - International Rectifier

Back Button M3G501215TCKA Datasheet HTML 2Page - International Rectifier M3G501215TCKA Datasheet HTML 3Page - International Rectifier M3G501215TCKA Datasheet HTML 4Page - International Rectifier M3G501215TCKA Datasheet HTML 5Page - International Rectifier M3G501215TCKA Datasheet HTML 6Page - International Rectifier M3G501215TCKA Datasheet HTML 7Page - International Rectifier M3G501215TCKA Datasheet HTML 8Page - International Rectifier M3G501215TCKA Datasheet HTML 9Page - International Rectifier M3G501215TCKA Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
M3G-SERIES
(50V Input, Triple Output)
Radiation Performance Characteristics
12
11
+AUX.
OUTPUT
AUX.
RETURN
4
SYNC.
INPUT
10
CASE
GROUND
5
SYNC.
OUTPUT
+
-
SHORT CIRCUIT
&
OVERLOAD
+
-
OSCILLATOR
RAMP
GENERATOR
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
PWM
EA
+5V
+5V
13
-AUX.
OUTPUT
6
+MAIN
MAIN
RETURN
7
1
3
2
Vin
INHIBIT
RETURN
LEVEL
TRANSLATOR
& FET DRIVE
BIAS
SUPPLY
UNDER VOLTAGE
LOCKOUT
& INHIBIT
EMI
FILTER
+10.5V
+5V
REF
Figure 1. Block Diagram
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test Inspection
Method
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Full Rated Load, VIN = 50V
200
300
Krads(Si)
Dose Rate (Gamma Dot)
MIL-STD-883, Method 1023
Temporary Saturation
Operating bias applied during exposure,
1E8
Rads(Si)/sec
Survival
Full Rated Load, VIN = 50V
4E10
1E11
Neutron Fluence
MIL-STD-883, Method 1017
8E12
1E13
Neutrons/cm2
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 50V
82
MeVxcm
2/mg
Test lab: Brookhaven National Laboratory,
Tandem Van de Graaff Generator


Similar Part No. - M3G501215TCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5012D IRF-M3G5012D Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5012D IRF-M3G5012D Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5012DCKA IRF-M3G5012DCKA Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5012DCKC IRF-M3G5012DCKC Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5012DEMA IRF-M3G5012DEMA Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G501215TCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com