Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12S03 Datasheet(PDF) 3 Page - C&D Technologies

Part # WPN20R12S03
Description  20 WATT REGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPN20R12S03 Datasheet(HTML) 3 Page - C&D Technologies

  WPN20R12S03 Datasheet HTML 1Page - C&D Technologies WPN20R12S03 Datasheet HTML 2Page - C&D Technologies WPN20R12S03 Datasheet HTML 3Page - C&D Technologies WPN20R12S03 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WPN20R
REV A
3/2000
Page 3
THERMAL DERATING CURVE
SIMPLIFIED CIRCUIT DIAGRAM
Temperature (C)
-40
0
85
95
100
105
110
115
120
130
100
80
60
40
20
0
Ambient
Case
MECHANICAL
NOTES:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
Pin Placement: Tolerance: ±0.015
Marked with: specific model ordered, date code,
job code.
MATERIAL: Units are encapsulated in a low
thermal resistance molding compound which
has excellent chemical resistance, wide
operating temperature range, and good
electrical properties under high humidity
environments. The encapsulant and outer shell
of the unit have UL94V-0 ratings. Lead material
is brass with a solder plated surface to allow
ease of solderability.
WPN20Rxxyzz
PIN SIDE DOWN
SIDE VIEW
PIN SIDE UP
0.425 + 0.00
(10.80 + 0.08)
0.150
(3.81)
0.040 + 0.002
(1.02 + 0.05)
0.015 + 0.003
(0.38 + 0.08)
1.990 + 0.005
(50.55 + 0.13)
1
2
3
4
5
6
7
8
Pin Function
Number
Singles
Duals
1
+VIN
+VIN
2
-VIN
-VIN
3
NO PIN
NO PIN
4
Remote On/Off
Remote On/Off
5
NO PIN
+VOUT
6
+VOUT
COMMON
7
-VOUT
-VOUT
8
TRIM
TRIM
PIN CONNECTIONS
Undervoltage Lockout Threshold Voltages
Nominal Input
Shutdown Low
Shutdown High
Voltage Range
Voltage (V1)
Voltage (V2)
OFF
ON
12
7
8.8
24
15.5
17
48
30
33
Specifications typical at TA=25°C, rated output current.
HYSTERESIS GRAPH
HYSTERESIS GRAPH


Similar Part No. - WPN20R12S03

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R12S03 MURATA-PS-WPN20R12S03 Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
More results

Similar Description - WPN20R12S03

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com