Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX403-U4R Datasheet(PDF) 3 Page - C&D Technologies

Part # PX403-U4R
Description  400 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX403-U4R Datasheet(HTML) 3 Page - C&D Technologies

  PX403-U4R Datasheet HTML 1Page - C&D Technologies PX403-U4R Datasheet HTML 2Page - C&D Technologies PX403-U4R Datasheet HTML 3Page - C&D Technologies PX403-U4R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PX401 4/98 REV B
Page 3
Output Voltages and Maximum Rated Loads
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MODEL NUMBER
VOUT
IMAX
VNOM
IMAX/IPK
VNOM IMAX/IPK
VNOM
IMAX
PX401/403-U3A
± 5V
50A
± 12V
12A/14A
± 12V
12A/14A
-
-
PX401/403-U3B
± 5V
50A
± 15V
12A/14A
± 15V
12A/14A
-
-
PX401/403-U4C
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 5V
3.0A
PX401/403-U4D
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 24V
2.0A
PX401/403-U4E
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 12V
3.0A
PX401/403-U4F
± 5V
50A
± 15V
10A/12A
± 15V
10A/12A
± 5V
3.0A
PX401/403-U4G
± 5V
50A
± 15V
10A/12A
± 15V
10A/12A
± 24V
2.0A
PX401/403-U4H
± 5V
50A
± 12V
10A/12A
± 12V
10A/12A
± 5.2V
10.0A
PX401/403-U4I
± 5V
50A
± 15V
10A
± 15V
10A
± 5.2V
10.0A
PX401/403-U4J
± 5V
20A
± 17V
3A
± 17V
3A
± 24V
10.0A
PX401/403-U4K
± 5V
25A
± 12V
10A
± 12V
10A
± 12V
4.0A
PX401/403-U4L
± 5V
30A
± 12V
10A
± 12V
10A
± 5.2V
3.0A
PX401/403-U4M
± 5V
30A
± 15V
12A
± 15V
12A
± 5.2V
10.0A
PX401/403-U4N
± 5V
70A
± 12V
12A
± 12V
12A
± 3.3V
10.0A
PX401/403-U4P
± 5V
30A
± 12V
10A
± 12V
12A
± 24V
3.0A
PX401/403-U4R
± 5V
20A
± 15V
4A
± 15V
4A
± 24V
10.0A
PX401/403-U4S
± 5V
20A
± 12V
8A
± 12V
3A
± 24V
10.0A
Output Specifications
Parameter
Limits
Regulation
Line
± 0.1%
Load
±0.5%
Cross
±0.1%
Minimum Load
Output #1
2.5A
Hold-Up Time
30mSec at Full Load
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adustment Range
±5
%
PARD
20 MHz bandwidth
0.5
% P-P
Temperature
Operating
050
°C
Storage
-20
+85
°C
Temperature Coefficient (TC)
After half hour warm-up
± 0.02
%/°C
Note: Peak current ratings are for 10sec maximum. Total power not to exceed 400 watts.


Similar Part No. - PX403-U4R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400 CANDD-PX400 Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U3A CANDD-PX400-U3A Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U3B CANDD-PX400-U3B Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U4C CANDD-PX400-U4C Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400-U4D CANDD-PX400-U4D Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
More results

Similar Description - PX403-U4R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX400 CANDD-PX400 Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
   100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
   25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
   10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com