Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5694ARUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5694ARUZ
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5694ARUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5694ARUZ Datasheet HTML 3Page - Analog Devices AD5694ARUZ Datasheet HTML 4Page - Analog Devices AD5694ARUZ Datasheet HTML 5Page - Analog Devices AD5694ARUZ Datasheet HTML 6Page - Analog Devices AD5694ARUZ Datasheet HTML 7Page - Analog Devices AD5694ARUZ Datasheet HTML 8Page - Analog Devices AD5694ARUZ Datasheet HTML 9Page - Analog Devices AD5694ARUZ Datasheet HTML 10Page - Analog Devices AD5694ARUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VLOGIC to GND
−0.3 V to +7 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREF to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND1
−0.3 V to VLOGIC + 0.3 V
SDA and SCL to GND
−0.3 V to +7 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
Reflow Soldering Peak Temperature,
Pb Free (J-STD-020)
260°C
ESD
Human Body Model (HBM)
3.5 kV
Field-Induced Charged Device
Model (FICDM)
1.5 kV
1
Excluding SDA and SCL.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
value was measured using a JEDEC standard 4-layer board with
zero airflow. For the LFCSP package, the exposed pad must be
tied to GND.
Table 6. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP
70
°C/W
16-Lead TSSOP
112.6
°C/W
ESD CAUTION


Similar Part No. - AD5694ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5694ARUZ AD-AD5694ARUZ Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5694ARUZ-RL7 AD-AD5694ARUZ-RL7 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
More results

Similar Description - AD5694ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com