Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196E Datasheet(PDF) 8 Page - Kemet Corporation

Part # B45196E
Description  Tantalum Chip Capacitors Standard / HighCap
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45196E Datasheet(HTML) 8 Page - Kemet Corporation

Back Button B45196E Datasheet HTML 4Page - Kemet Corporation B45196E Datasheet HTML 5Page - Kemet Corporation B45196E Datasheet HTML 6Page - Kemet Corporation B45196E Datasheet HTML 7Page - Kemet Corporation B45196E Datasheet HTML 8Page - Kemet Corporation B45196E Datasheet HTML 9Page - Kemet Corporation B45196E Datasheet HTML 10Page - Kemet Corporation B45196E Datasheet HTML 11Page - Kemet Corporation B45196E Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Ordering code structure
B45
196E
0
685
+
10
*
Tantalum
capacitor
Series
196E = Standard, tinned terminals
198E = Standard, gold-plated terminals
196H = HighCap, tinned terminals
198H = HighCap, gold-plated terminals
Rated voltage
0 = 4 V, 1 = 6.3 V, 2 = 10 V, 3 = 16 V, 4 = 20 V, 5 = 25 V,
6 = 35 V, 7 = 50 V
Rated capacitance + exponent
C [pF]
10x
E.g.: 686 = 68 pF
106 = 68
µF, 157 = 15 pF 107 = 150 µF
Capacitance tolerance
M =
±20%, K = ±10%
Case size
10 = A
20 = B
30 = C
40 = D
50 = E
Reel diameter
9 = 180 mm, 6 = 330 mm
Tantalum chip capacitors
B45196E, B45198E, B45196H, B45198H
Standard / HighCap
Page 8 of 20
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Kemet Corporation
B45196E KEMET-B45196E Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196E KEMET-B45196E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45196E-H KEMET-B45196E-H Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196E-H KEMET-B45196E-H Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45196E

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45196H EPCOS-B45196H Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
logo
Hitachi Semiconductor
TMCSA1C105MTRF HITACHI-TMCSA1C105MTRF Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com